Electronic Components Datasheet Search
  English  ▼

X  

ACTF8042 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF8042
Description  SAW BANDPASS FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8042 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF8042 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8042 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8042 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Maximum Input Level
P
0
dBm
Maximum DC Voltage
VDC
10
V
Operable Temperature Range
TA
-10 to +65
Storage Temperature Range
Tstg
-40 to +85
5-2. Electronic Characteristics
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
C
E
A
ACT2006. All Rights Reserved.
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fC. Note that
insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
866.000
MHz
3dB Bandwidth
BW3
19
MHz
Usable Passband
BW
±2.0
MHz
Insertion Loss
IL
within fC ± 2.0 MHz
2.5
4.0
dB
Amplitude Ripple (p-p)
Δα
within fC ± 2.0 MHz
1.5
dB
Absolute Attenuation
α
fC-200.0
~
fC- 30.0 MHz
fC+ 50.0
~
fC+200.0 MHz
42
45
52
55
dB
dB
Terminating Impedance
50Ω // 10nH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com