Electronic Components Datasheet Search
  English  ▼

X  

SI3120C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SI3120C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3120C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SI3120C Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3120C Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3120C Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3120C Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3120C Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3120C Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3120C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
36
Parameter
Input Voltage
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient
of Output Voltage
Ripple Rejection
Quiescent Circuit Current
Overcurrent Protection
Starting Current*4,6
Control Voltage (Output ON)
Control Voltage (Output OFF)
Control Current
(Output ON)
Control Current
(Output OFF)
Symbol
VIN
VO
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
Iq
Conditions
IS1
Conditions
VC. IH
VC. IL
IC. IH
Conditions
IC. IL
Conditions
IElectrical Characteristics
*1: "A" may be indicated to the right of the Sanken logo.
*2: VIN(max) and IO(max) are restricted by the relation PD(max)=(VIN-VO)•IO=18(W).
*3: Refer to the dropout voltage.(Refer to Setting DC Input Voltage on page 7.)
*4: IS1 is specified at –5(%) drop point of output voltage VO on the condition that VIN=VO+3V, IO=1A.
*5: Output is ON even when output control terminal VC is open. Each input level is equivalent to LS-TTL. Therefore, it may be directly driven by an
LS-TTL circuit.
*6: A foldback type overcurrent protection circuit is built into the IC regulator (excluding SI-3033C). Therefore, avoid using it for the following applica-
tions as it may cause starting errors:
(1) Constant current load (2) Plus/minus power (3) Series power (4) VO adjustment by raising ground voltage
Unit
V
V
V
mV
mV
mV/
°C
dB
mA
A
V
µA
mA
SI-3000C *1
SI-3000CA
Ratings
SI-3033C
SI-3050C
SI-3090C
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
*3
15*2
6*3
30*2
10*3
30*2
3.168
3.300
3.432
4.80
5.00
5.20
8.64
9.00
9.36
3.234
3.300
3.366
4.90
5.00
5.10
8.82
9.00
9.18
VIN=5V, IO=1.0A
VIN=8V, IO=1.0A
VIN=12V, IO=1.0A
0.5
0.5
0.5
IO
≤1.0A
1.0
1.0
1.0
IO
≤1.5A
10
30
10
30
18
48
VIN=4.5 to 12V, IO=1.0A
VIN=6 to 15V, IO=1.0A
VIN=10 to 20V, IO=1.0A
40
100
40
100
70
180
VIN=5V, IO=0 to 1.5A
VIN=8V, IO=0 to 1.5A
VIN=12V, IO=0 to 1.5A
±0.5
±0.5
±1.0
VIN=5V, IO=5mA, Tj=0 to 100
°CVIN=8V, IO=5mA, Tj=0 to 100°CVIN=12V, IO=5mA, Tj=0 to 100°C
54
54
54
VIN=5V, f=100 to 120HZ
VIN=8V, f=100 to 120HZ
VIN=12V, f=100 to 120HZ
310
5
10
510
VIN=5V, IO=0A
VIN=8V, IO=0A
VIN=12V, IO=0A
1.6
1.6
1.6
VIN=5V
VIN=8V
VIN=12V
2.0
2.0
2.0
0.8
0.8
0.8
20
20
20
VC=2.7V
–0.3
–0.3
–0.3
VC=0.4V
(Ta=25
°C unless otherwise specified)
GSI-3000C Series
VC
Terminal*5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com