Electronic Components Datasheet Search
  English  ▼

X  

2N6678 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 2N6678
Description  NPN High Power Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N6678 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2N6678 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N6678 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N6678 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N6678 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN High Power Silicon Transistor
Rev. V1
2N6676 & 2N6678
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0013439
2
Absolute Maximum Ratings
2. Derate linearly @ 34.2 mW / °C for TA >25°C.
Ratings
Symbol
2N6676
2N6678
Units
Collector - Emitter Voltage
VCEO
300
400
Vdc
Collector - Base Voltage
VCBO/VCBX
450
650
Vdc
Emitter - Base Voltage
VEBO
8
Vdc
Collector Current
IC
15
Adc
Base Current
IB
5
Adc
Total Power Dissipation
@ TA = +25°C
2
@ TA = +25°C
PT
W
6
175
Operating & Storage Temperature Range
TOP, TSTG
-65 to +200
°C
Thermal Characteristics
Characteristics
Symbol
Max. Value
Thermal Resistance, Junction to Case
RθJC
1°C/W
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Switching Characteristics
Delay Time
Rise Time
Storage Time
Fall Time
Cross-Over Time
See figure 12 of MIL-PRF-19500/538
TD
TR
TS
TF
TC
µs
—
0.1
0.6
2.5
0.5
0.5
Safe Operating Area
DC Tests:
TC = +25°C, I Cycle, t = 1.0 s (see figure 4 of MIL-PRF-19500/537)
Test 1:
VCE = 11.7 Vdc, IC = 15 Adc
Test 2:
VCE = 30 Vdc, IC = 5.9 Adc
Test 3:
VCE = 100 Vdc, IC = 0.25 Adc
Test 4:
VCE = 300 Vdc, IC = 20 mAdc, (for 2N6676)
Test 5:
VCE = 400 Vdc, IC = 10 mAdc, (for 2N6678)
Clamped Switch:
TA = +25°C, VCC = 15 Vdc
Clamp Voltage = 350; IC = 15 Adc, (2N6676)
Clamp Voltage = 450; IC = 15 Adc, (2N6678)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com