Electronic Components Datasheet Search
  English  ▼

X  

TAS5110IDAP Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5110IDAP
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110IDAP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5110IDAP Datasheet HTML 4Page - Texas Instruments TAS5110IDAP Datasheet HTML 5Page - Texas Instruments TAS5110IDAP Datasheet HTML 6Page - Texas Instruments TAS5110IDAP Datasheet HTML 7Page - Texas Instruments TAS5110IDAP Datasheet HTML 8Page - Texas Instruments TAS5110IDAP Datasheet HTML 9Page - Texas Instruments TAS5110IDAP Datasheet HTML 10Page - Texas Instruments TAS5110IDAP Datasheet HTML 11Page - Texas Instruments TAS5110IDAP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
8
www.ti.com
H-bridge output mapping (continued)
The B-side half-bridge output is designed to the following truth table:
INPUTS
OUTPUTS
DESCRIPTION
RESET
PWDN
PWM_BP
PWM_BM
SHUTDOWN
OUTPUTB
DESCRIPTION
X
X
X
X
0
0 or Hi-Z†
Shutdown
X
0
X
X
1
Hi-Z
Powerdown
0
1
X
X
1
0
Reset
1
1
0
0
0
0
Shutdown
1
1
0
1
1
0
Normal
1
1
1
0
1
1
Normal
1
1
1
1
0
0
Shutdown
† Output is 0 for low voltage, over temperature, or illegal input. Hi-Z is for over current.
control/sense circuitry
The control/sense circuitry consists of the following 3.3-V logic level pins: PWDN, RESET, ERR0, ERR1, and
SHUTDOWN. The active-low PWDN input pin powers down all internal circuitry and forces the H-bridge outputs
to the Hi-Z state. When the PWDN pin is low, the open drain ERR0, ERR1, and SHUTDOWN pins are also
disabled so that their outputs can be pulled high. The active-low RESET input pin forces the H-bridge outputs
to the low-low state and resets the over-current shutdown latch. The PWDN pin overrides the RESET pin. The
ERR0, ERR1, and SHUTDOWN outputs indicate the following conditions in the TAS5110 as shown in the table
below. These three outputs are open-drain connections with internal pullup resistors so that wire-ORed
connections can be made by the user with other external control devices. The short-circuit protect error
condition latches the TAS5110 in this shutdown state and forces the H-bridge outputs to the Hi-Z state until the
device is reset by means of the RESET pin. The illegal PWM input state, over-temperature, and low regulator
voltage error conditions does not latch the device in the shutdown condition. Instead the H-bridge outputs are
forced to the low-low state and the TAS5110 returns to normal operation as soon as the error condition ends.
Loss of clocking PWM signal is also considered an illegal PWM input state.
SHUTDOWN
ERR1
ERR0
FUNCTION
OUTPUTA
OUTPUTB
0
0
0
Illegal PWM input state
Low
Low
0
0
1
Short circuit protect (latch)
Hi-Z
Hi-Z
0
1
0
Over temperature protect
Low
Low
0
1
1
Low regulator voltage protect
Low
Low
1
0
0
Reserved
—
—
1
0
1
Reserved
—
—
1
1
0
High temperature – warning
Normal
Normal
1
1
1
Normal operation
Normal
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com