Electronic Components Datasheet Search
  English  ▼

X  

TCLT1002 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TCLT1002
Description  Optocoupler with Phototransistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1002 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TCLT1002 Datasheet HTML 3Page - Vishay Siliconix TCLT1002 Datasheet HTML 4Page - Vishay Siliconix TCLT1002 Datasheet HTML 5Page - Vishay Siliconix TCLT1002 Datasheet HTML 6Page - Vishay Siliconix TCLT1002 Datasheet HTML 7Page - Vishay Siliconix TCLT1002 Datasheet HTML 8Page - Vishay Siliconix TCLT1002 Datasheet HTML 9Page - Vishay Siliconix TCLT1002 Datasheet HTML 10Page - Vishay Siliconix TCLT1002 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
7 (12)
www.vishay.com
Document Number 83515
Rev. A3, 19–Mar–01
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
50
100
150
200
250
300
0
40
80
120
Tamb – Ambient Temperature ( °C )
96 11700
Coupled device
Phototransistor
IR-diode
Figure 4. Total Power Dissipation vs.
Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
96 11862
Figure 5. Forward Current vs. Forward Voltage
–25
0
25
50
0
0.5
1.0
1.5
2.0
Tamb – Ambient Temperature ( °C )
95 11025
75
VCE=5V
IF=5mA
Figure 6. Relative Current Transfer Ratio vs.
Ambient Temperature
025
50
75
1
10
100
1000
10000
Tamb – Ambient Temperature ( °C )
100
95 11026
VCE=20V
IF=0
Figure 7. Collector Dark Current vs. Ambient Temperature
0.1
1
10
0.01
0.1
1
100
IF – Forward Current ( mA )
100
95 11027
10
VCE=5V
Figure 8. Collector Current vs. Forward Current
0.1
1
10
0.1
1
10
100
VCE – Collector Emitter Voltage ( V )
100
95 10985
IF=50mA
5mA
2mA
1mA
20mA
10mA
Figure 9. Collector Current vs. Collector Emitter Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com