Electronic Components Datasheet Search
  English  ▼

X  

CC2520FC Datasheet(PDF) 2 Page - Caddock Electronics, Inc.

Part # CC2520FC
Description  Type CC Low Resistance Precision Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

CC2520FC Datasheet(HTML) 2 Page - Caddock Electronics, Inc.

  CC2520FC Datasheet HTML 1Page - Caddock Electronics, Inc. CC2520FC Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
CC 2520 FC - 0.10 - 1%
Type CC
Physical Size
1512 = 0.150” x 0.120”
2015 = 0.200” x 0.150”
2520 = 0.250” x 0.200”
Style:
FC or WB
Resistor Value (Ω)
See charts for availability
Tolerance:
±
5% below 0.050Ω
±
2% 0.050Ω to 0.099Ω
±
1% 0.10Ω and above
Specifications:
Temperature Coefficient: TC referenced to
+25°C, ΔR taken at +150°C.
0.50 ohm and above, -20 to +80 ppm/°C
0.050 ohm to 0.49 ohm, 0 to +200 ppm/°C
below 0.050 ohm, 0 to +300 ppm/°C.
Inductance: Less than 5 nH typical.
Load Life: 1000 hours at rated power, based
upon 150°C max. chip temperature,
Δ
R ± (0.5% + 0.0005 ohm).
Momentary Overload: 1.5 times rated power,
for 5 seconds, ΔR ± (0.5% + 0.0005 ohm).
Operating Temperature: -55°C to +150°C.
Measurement Note: All measurements are
taken using Kelvin connections per the
recommended connection locations.
Ordering
Information:
Ko signifies tape thickness and dimension
12mm
0.473”
Ao
Bo
7” dia.
(178 mm)
.512” arbor hole
(13mm)
Packaging information:
Style FC, flip chip resistors, are shipped with the bare
ceramic side up in the pocket, with the solderable pads fac-
ing down.
Style WB, wire bondable resistors, are shipped with the
wire bondable pads facing up in the pocket.
The illustration shows the orientation of the CC1512 and
CC2015 chip resistors in the tape. The CC2520 chip resistors
are rotated 90° from what is shown in the illustration.
0.135” (3.43mm)
Carrier Tape and pocket dimensions:
Tape is 12mm Carrier Tape (8mm pitch)
0.167” (4.24mm)
0.037” (0.94mm)
0.189” (4.80mm)
Size 2015
0.209” (5.31mm)
0.087” (2.21mm)
0.271” (6.88mm)
Size 2520
0.216” (5.49mm)
0.066” (1.68mm)
Ao
Bo
Ko
Size 1512
Full reel quantities:
1500 pieces per reel for CC1512
1000 pieces per reel for CC2015 and CC2520
Quantities of less than 250 will be shipped in tape without reel and
without tape leader at the option of Caddock.
Tape dimensions and materials will be consistent with EIA-481-1.
Reels will be marked with a label containing Caddock logo, part
number, resistor value, tolerance, packaging date, and quantity.
CC2015WB Standard Resistance Values:
Tolerance CC2015WB ±1% Standard (except as noted).
CC2520WB Standard Resistance Values:
0.025 Ω 5%
0.030 Ω 5%
0.033 Ω 5%
0.040 Ω 5%
Tolerance CC2520WB ±1% Standard (except as noted).
0.050 Ω 2%
0.075 Ω 2%
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
0.020 Ω 5%
0.025 Ω 5%
0.030 Ω 5%
0.033 Ω 5%
0.040 Ω 5%
0.050 Ω 2%
0.075 Ω 2%
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
Custom resistance values and non-standard tolerances
can be manufactured for high quantity applications.
Please contact Caddock Applications Engineering.
Style WB - Wire Bond Version
Model
Resistance
Min.
Max.
Power Capability Information
CC2015WB
CC2520WB
10.0 Ω
10.0 Ω
0.020 Ω
0.025 Ω
Max. Chip
Temperature
Thermal Resistance
RθJC
Film (J) to Solder Pad (C)
(see note 3)
13.9°C/Watt
8.33°C/Watt
150°C
150°C
Dimensions in inches and (millimeters)
A
B
D
C
.250 ±.007
(6.35 ±.18)
.200 ±.007
(5.08 ±.18)
.040 min.
(1.02 min.)
.200 ±.007
(5.08 ±.18)
.150 ±.007
(3.81 ±.18)
.050 min.
(1.27 min.)
.027 ±.003
(.69 ±.08)
Comments
Aluminum wire to be used for bonding
.027 ±.003
(.69 ±.08)
Aluminum wire to be used for bonding
Note 3: Thermal Resistance - In High Power Applications where the circuit board material
provides high heat sinking benefits (such as IMS, Alumina, or other) the thermal resistance of
the chip resistor is useful to establish the maximum power capability of the chip resistor in the
application. The film temperature is measured at the center of the resistor element and the
solder pad temperature is measured at the soldered interface with the circuit board. Maximum
temperature of the chip resistor (at the center of chip) should not exceed 150°C through the
temperature range of the application.
WB Resistor mounting
Circuit board: IMS, Ceramic (Alumina) , or other.
Sense Wire
Current Wire
Film Temperature
Measuring Point
Solder pad, soldered
interface with circuit board.
Sense Wire
Current Wire
Sense connection shall be
made in the crosshatched
portion of the termination
pad.
.055 (1.40) centered
Location for Sense (Potential) Connection:
General Information for Type CC - Style FC and Style WB - Chip Resistors
Solder attachment note:
Style FC has a bare ceramic back surface.
The recommended solders for flip chip
solder attachment are 62Sn / 36Pb / 2Ag,
96.5Sn / 3.5Ag, or standard Sn / Ag / Cu
solder alloys.
Style WB has a metallized back surface for
soldering to a substrate or a heat sink. The
recommended solders to be used are
62Sn / 36Pb / 2Ag, 96.5Sn / 3.5Ag, or
standard Sn / Ag / Cu solder alloys.
A
D
B
C
Dimensions in inches and (millimeters)
is a hybrid mountable version with metallized pads for wire bonding utilizing
aluminum wire and
a metallized back surface for solder attachment of the back surface to a heat sinking substrate.
Type CC Low Resistance Precision Chip Resistors
Page 2 of 2
28_IL106.1004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com