Electronic Components Datasheet Search
  English  ▼

X  

STK8280 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK8280
Description  OUTPUT STAGE OF AF POWER AMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK8280 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK8280 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK8280 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - STK8280

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK8280 SANYO-STK8280 Datasheet
73Kb / 2P
80W MIN AF POWER AMP, OUTPUT STAGE (DUAL SUPPLIES) WITH BUILT-IN QUASI CLASS A BIAS CIRCUIT
More results

Similar Description - STK8280

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1266 SANYO-2SB1266 Datasheet
106Kb / 4P
AF Power Amp Applications
STK-0060II SANYO-STK-0060II Datasheet
132Kb / 2P
Thick Film Hybrid Integrated Circuit Output Stage of 60W min AF Power Amplifier
STK-0080 SANYO-STK-0080 Datasheet
100Kb / 2P
Thick Film Hybrid Integrated Circuit Output Stage of 80W min AF Power Amplifier?
STK1050II SANYO-STK1050II Datasheet
80Kb / 2P
Thick Film Hybrid Integrated Circuit 50W min AF Power Amp Output Stage With Built-in Emitter Resistance
logo
List of Unclassifed Man...
STK0050 ETC-STK0050 Datasheet
18Kb / 1P
50W MIN AF POWER AMPLIFIER OUTPUT STAGE (D.P.P.)
logo
Sanyo Semicon Device
LA4220 SANYO-LA4220 Datasheet
211Kb / 5P
3.5W AF POWER AMP
logo
List of Unclassifed Man...
STK2155 ETC-STK2155 Datasheet
84Kb / 2P
2 CHANNEL 50W MIN AF POWER AMPLIFIER OUTPUT STAGE
logo
Sanyo Semicon Device
STK0100II SANYO-STK0100II Datasheet
75Kb / 1P
Thick Film Hybrid Integrated Circuit 100W MIN AF POWER AMP, OUTPUT STAGE (DPP)
logo
List of Unclassifed Man...
STK1030 ETC-STK1030 Datasheet
58Kb / 2P
3OW min. AF Power Amplifier Output Stage (D.P.P.)
logo
Sanyo Semicon Device
STK8280 SANYO-STK8280 Datasheet
73Kb / 2P
80W MIN AF POWER AMP, OUTPUT STAGE (DUAL SUPPLIES) WITH BUILT-IN QUASI CLASS A BIAS CIRCUIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com