Electronic Components Datasheet Search
  English  ▼

X  

L293D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # L293D
Description  QUADRUPLE HALF-H DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293D Datasheet(HTML) 4 Page - Texas Instruments

  L293D Datasheet HTML 1Page - Texas Instruments L293D Datasheet HTML 2Page - Texas Instruments L293D Datasheet HTML 3Page - Texas Instruments L293D Datasheet HTML 4Page - Texas Instruments L293D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L293D
QUADRUPLE HALF-H DRIVER
SLRS008A – SEPTEMBER 1986 – REVISED MAY 1990
3–4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
24 V
5 V
10 k
Ω
VCC1
VCC2
16
3
1,2EN
1
1A
2
2A
7
3,4EN
9
3A
10
4A
15
Control A
Control B
4, 5, 12, 13
GND
Thermal
Shutdown
Motor
1Y
3
2Y
6
3Y
11
4Y
14
Figure 2. Two-Phase Motor Driver



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com