Electronic Components Datasheet Search
  English  ▼

X  

CC Datasheet(PDF) 1 Page - MTRONPTI

Part # CC
Description  Custom Cavity Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

CC Datasheet(HTML) 1 Page - MTRONPTI

  CC Datasheet HTML 1Page - MTRONPTI CC Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CC Series
Custom Cavity Bandpass Filter
MtronPTI offers a full line of high "Q," low-loss custom combline cavity filters. The series CC filter line is a low ripple Chebyshev design which covers the frequency
range from .4 GHz to 18 Ghz. Two to fourteen section designs may be specified with bandwidths ranging from .5 to 60%
Typical electrical parameters which can be extended or improved include insertion loss, VSWR, power handling and spurious response suppression. Consult the factory
for applications requiring non-standard frequencies, bandwidths or other parameters.
Specifications
Electrical Specifications
Center Frequency
Range
0.3 to 18 GHz
Min. 3dB Relative
Bandwidth (in %
of center
frequency)
0.5 - 60%
Nominal
Impedance
50/75 Ohms
Maximum VSWR
at Center
Frequency
1.5:1
Number of
Sections
2 to 14
Environmental Specifications
Shock
5 G's
Vibration
5 G's
Humidity
90%
Altitude
Unlimited
Operating
Temperature
0° to 50°C
Non-Operating
Temperature
-54° to +125°C
Overview
20140227
http://www.mtronpti.com/products/Filter/Bandpass/custom-cavity


Similar Description - CC

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFC23516 ITF-IFC23516 Datasheet
124Kb / 4P
Cavity bandpass filter
Rev. AS 2014-08-26
IFC23579 ITF-IFC23579 Datasheet
217Kb / 4P
Cavity bandpass filter
Rev. AS 2014-10-01
IFC26217 ITF-IFC26217 Datasheet
132Kb / 4P
Cavity bandpass filter
Rev. AS 2014-08-26
logo
MTRONPTI
CH MTRONPTI-CH Datasheet
238Kb / 2P
Standard Cavity Bandpass Filter
CR MTRONPTI-CR Datasheet
222Kb / 2P
Standard Cavity Bandpass Filter
CC-SERIES MTRONPTI-CC-SERIES Datasheet
234Kb / 2P
Custom Cavity Bandpass Filter
CH-SERIES MTRONPTI-CH-SERIES Datasheet
238Kb / 2P
Standard Cavity Bandpass Filter
CR-SERIES MTRONPTI-CR-SERIES Datasheet
222Kb / 2P
Standard Cavity Bandpass Filter
logo
Mini-Circuits
ZVBP-909 MINI-ZVBP-909 Datasheet
431Kb / 3P
Bandpass Cavity Filter
ZVBP-2450 MINI-ZVBP-2450 Datasheet
517Kb / 3P
Cavity Bandpass Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com