Electronic Components Datasheet Search
  English  ▼

X  

TLV3402 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3402
Description  FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3402 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3402 Datasheet HTML 3Page - Texas Instruments TLV3402 Datasheet HTML 4Page - Texas Instruments TLV3402 Datasheet HTML 5Page - Texas Instruments TLV3402 Datasheet HTML 6Page - Texas Instruments TLV3402 Datasheet HTML 7Page - Texas Instruments TLV3402 Datasheet HTML 8Page - Texas Instruments TLV3402 Datasheet HTML 9Page - Texas Instruments TLV3402 Datasheet HTML 10Page - Texas Instruments TLV3402 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TLV3401, TLV3402, TLV3404
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
SLCS135A – AUGUST 2000 – REVISED NOVEMBER 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
t – Time –
µs
LOW-TO-HIGH LEVEL OUTPUT
RESPONSE FOR VARIOUS
INPUT OVERDRIVES
1
2
0
0.05
0.1
5
10 mV
50 mV
2 mV
0
0
50
100
150
200
250
300
3
4
VCC = 5 V
CL = 10 pF
RP = 1 MΩ (Pullup to VCC)
TA = 25°C
Figure 10
0
0.05
0.1
t – Time –
µs
LOW-TO-HIGH LEVEL OUTPUT
RESPONSE FOR VARIOUS
INPUT OVERDRIVES
VCC = 15 V
CL = 10 pF
10 mV
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
50 mV
2 mV
VCC = 15 V
CL = 10 pF
RP = 1 MΩ (Pullup to VCC)
TA = 25°C
Figure 11
t – Time –
µs
HIGH-TO-LOW LEVEL OUTPUT
RESPONSE FOR VARIOUS
INPUT OVERDRIVES
1
1.5
2
2.5
0
0.05
0.1
3
10 mV
2 mV
0.5
0
0
50
100 150 200 250 300 350 400
VCC = 2.7 V
CL = 10 pF
RP = 1 MΩ (Pullup to VCC)
TA = 25°C
50 mV
Figure 12
0
0.05
0.1
t – Time –
µs
HIGH-TO-LOW LEVEL OUTPUT
RESPONSE FOR VARIOUS
INPUT OVERDRIVES
10 mV
50 mV
2 mV
0
1
2
3
4
5
6
0
50
100 150 200 250 300 350 400
–1
VCC = 5 V
CL = 10 pF
RP = 1 MΩ (Pullup to VCC)
TA = 25°C
Figure 13
t – Time –
µs
HIGH-TO-LOW LEVEL OUTPUT
RESPONSE FOR VARIOUS
INPUT OVERDRIVES
0
0.05
0.1
10 mV
50 mV
2 mV
0
2
4
6
8
10
12
14
16
0
50
100 150 200 250 300 350 400
VCC = 15 V
CL = 10 pF
RP = 1 MΩ (Pullup to VCC)
TA = 25°C
Figure 14
4
0
24
6
10
13
15
VCC – Supply Voltage – V
OUTPUT FALL TIME
vs
SUPPLY VOLTAGE
VID= 1 V to –1 V
Rp = 1 MΩ (Pullup to VCC)
Input Fall Time = 500 ns
TA = 25°C
CL = 50 pF
CL = 10 pF
35
9
12
14
1
2
3
5
6
7
8
78
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com