Electronic Components Datasheet Search
  English  ▼

X  

USF370 Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # USF370
Description  Type USF Ultra-Stable Low TC Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

USF370 Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  USF370 Datasheet HTML 1Page - Caddock Electronics, Inc. USF370 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Type USF Ultra-Stable Low TC Film Resistors
Zero Nominal TC — MaximumAbsolute TC to 2 ppm/°C, -40°C to +85°C ref. to +25°C
Absolute Tol. to ±0.01%, Resistance Range 50 Ohm to 25 Megohm, Voltage Ratings up to 2500 Volts
Type USF 300 Series Ultra-Stable Resistors
•
ZERO Nominal TC — Max. Absolute TC: 5 ppm/°C,
-40°C to +85°C, referenced to +25°C
Type USF 200 Series Ultra-Stable Resistors
• Constructed with two selected USF 300 Series
Resistors bonded back to back to achieve
outstanding low Absolute Temperature Coefficient
performance. The resistors are to be connected in
parallel on the circuit board.
• ZERO Nominal TC — Max.Absolute TC: 2 ppm/°C,
-40°C to +85°C, referenced to +25°C
The USF Ultra-Stable Low TC Ultra-Precision Film Resistors were
developed to meet the requirements for increasing performance for
resistors in high performance analog electronics.
Utilizing Caddock
proprietary resistance film systems, the Type USF resistors provide
the Lowest TC with the Widest Resistance Range and the Highest
Voltage Ratings available in the industry.
• Resistance Range 50 ohm to 25 Megohm.
• Temperature Coefficient -40°C to +85°C, referenced to +25°C
200 Series —
ZERO Nominal TC — Maximum Absolute TC 2 ppm/°C
300 Series —
ZERO Nominal TC — Maximum Absolute TC 5 ppm/°C
• Tolerance: ±0.01% or ±0.10%.
• Specific standard resistance values are available that are most
commonly required in high accuracy analog design. These values
were selected and optimized for produceability and performance.
• 300 Series “matched pairs” are available with ratio TC as tight as
0.5 ppm/°C. Contact Applications Engineering.
• Ceramic package provides cool operation.
Type USF Ultra-Stable Resistors are offered in standard resistance values
that are most commonly used in precision analog design. These standard
resistance values can be used in precise amplifier gain setting, precise
resistor bridge circuits, precise transducer sense circuits, and precise
voltage dividers with up to 2500 volt input voltage.
Extremely Low Power Coefficient (Wattage Coefficient): Type USF
resistors are constructed with an aluminum oxide ceramic sandwich
which provides great thermal conductivity. The ceramic sandwich
package very effectively minimizes the power coefficient drift. Power
coefficient is the resistance drift due to temperature rise in the element
caused by the power (wattage) dissipation in the resistor where the self-
heating temperature rise of the resistor element results in TC drift (temp.
rise in °C, times the temperature coefficient of the resistor). In the USF
package, heat is pulled away from the resistance material efficiently by
this ceramic sandwich package construction. Plastic molded Low TC foil
resistors cannot provide this outstanding benefit since the plastic impedes
the flow of heat, causing greater temperature rise at the resistor element
and greater self-heating related resistance drift due to power dissipation.
The USF 200 Series resistors provide a new level of performance with
near ZERO TC, very low power coefficient, wide resistance range, and
higher voltage ratings than is offered by other resistor technologies.
Wattage
@
+85°C
Maximum
Continuous
Oper. Voltage
Temperature
Coefficient
USF340
0.33
0.75
A
D
Dimensions inches (mm)
5 ppm/°C
Model Number
300
1,400
USF370
USF371
0.75
2,500
Min.
Max.
Resistance
20 Meg
50 Ω
10 Meg
990 K
25 Meg
19.8 Meg
USF270
2 ppm/°C
USF271
2 ppm/°C
USF240
2 ppm/°C
.600 ±.020
(15.24 ±.51)
1,400
2,500
300
0.75
0.75
0.33
.375 ±.020
(9.53 ±.51)
.500 ±.020
(12.70 ±.51)
C
.500 ±.020
(12.70 ±.51)
.500 ±.020
(12.70 ±.51)
.500 ±.020
(12.70 ±.51)
B
.750 ±.020
(19.05 ±.51)
1.500 ±.020
(38.10 ±.51)
1.500 ±.020
(38.10 ±.51)
1.500 ±.020
(38.10 ±.51)
1.500 ±.020
(38.10 ±.51)
Fig.
2
2
2
1
1
1
10 Meg
50 Ω
5 Meg
990 K
10 Meg
9.9 Meg
.375 ±.020
(9.53 ±.51)
.750 ±.020
(19.05 ±.51)
1.350 ±.020
(34.29 ±.51)
.425 Max.
(10.8 Max.)
.550 Max.
(13.97 Max.)
1.350 ±.020
(34.29 ±.51)
.550 Max.
(13.97 Max.)
.600 ±.020
(15.24 ±.51)
1.350 ±.020
(34.29 ±.51)
1.350 ±.020
(34.29 ±.51)
.395 Max.
(10.03 Max.)
.520 Max.
(13.21 Max.)
.520 Max.
(13.21 Max.)
5 ppm/°C
5 ppm/°C
200 Series and 300 Series
New
Page 1 of 2
28_IL134.1004


Similar Part No. - USF370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USF370 ETC2-USF370 Datasheet
157Kb / 2P
Ultra-Stable Low TC Film Resistors
logo
Caddock Electronics, In...
USF370 CADDOCK-USF370 Datasheet
511Kb / 2P
Type USF Ultra-Stable Low TC Film Resistors 200 Series and 300 Series
More results

Similar Description - USF370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USF240 ETC2-USF240 Datasheet
157Kb / 2P
Ultra-Stable Low TC Film Resistors
TN130 ETC2-TN130 Datasheet
106Kb / 1P
Lab Grade Low TC Precision Film Resistors
TK121 ETC2-TK121 Datasheet
166Kb / 2P
Low TC Precision Radial-Lead Film Resistors
TF020N ETC2-TF020N Datasheet
116Kb / 1P
Low TC Ultra-Precision Film Resistors
logo
Caddock Electronics, In...
TF020N CADDOCK-TF020N Datasheet
180Kb / 1P
Type TF Low TC Ultra-Precision Film Resistors
TK121 CADDOCK-TK121 Datasheet
547Kb / 2P
Type TK Low TC Precision Radial-Lead Film Resistors
TN130 CADDOCK-TN130 Datasheet
122Kb / 1P
Type TN Lab Grade Low TC Precision Film Resistors
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USF240 CADDOCK-USF240_17 Datasheet
511Kb / 2P
Type USF Ultra-Stable Low TC Film Resistors 200 Series and 300 Series
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
Type TK Low TC Precision Radial-Lead Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com