Electronic Components Datasheet Search
  English  ▼

X  

E522.83 Datasheet(PDF) 2 Page - ELMOS Semiconductor AG

Part # E522.83
Description  Triple 150mA Linear LED Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.83 Datasheet(HTML) 2 Page - ELMOS Semiconductor AG

  E522.83 Datasheet HTML 1Page - ELMOS Semiconductor AG E522.83 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: Elmos Semiconductor AG (below Elmos) reserves the right to make changes to the product contained in this publication without notice. Elmos assumes no responsibility for the use of any circuits
described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication has been
checked, no responsibility, however, is assumed for inaccuracies. Elmos does not recommend the use of any of its products in life support applications where the failure or malfunction of the product
can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2014 Elmos Reproduction, in part or whole, without the prior written consent of Elmos, is prohibited.
Headquarters
Elmos Semiconductor AG
Heinrich-Hertz-Str. 1
44227 Dortmund (Germany)
Phone: +49 (0) 231 / 75 49-100
Fax:
+49 (0) 231 / 75 49-149
sales-germany@elmos.com
www.elmos.com
Sales and Application Support Office
North America
Elmos NA. Inc.
32255 Northwestern Highway, Suite 220
Farmington Hills, MI 48334 (United States)
Phone: +1 (0) 248 / 8 65 32 00
sales-usa@elmosna.com
Sales and Application Support Office
China
Elmos Semiconductor Technology (Shanghai) Co., Ltd.
Unit 16B, 16F Zhao Feng World Trade Building,
No. 369 Jiang Su Road,
Chang Ning District,
Shanghai, PR China, 200050
Phone: +86 (0) 21 / 6210 0908
Fax:
+86 (0) 21 / 6219 7502
sales-china@elmos.com
中国地区销售与应用支持
艾尔默斯半导体技术(上海)有限公司
中国 上海市 长宁区 江苏路369号
兆丰世贸大厦16楼 16B单元,200050
电话
: +86 (0) 21 / 6210 0908
传真
: +86 (0) 21 / 6219 7502
sales-china@elmos.com
Sales and Application Support Office
Korea
Elmos Korea
B-1007, U-Space 2, #670 Daewangpangyo-ro,
Sampyoung-dong, Bunddang-gu, Sungnam-si
Kyounggi-do 463-400 Korea
Phone: +82 (0)31 / 7 14 11 31
sales-korea@elmos.com
Sales and Application Support Office
Japan
Elmos Japan K.K.
BR Shibaura N Bldg. 7F
3-20-9 Shibaura, Minato-ku,
Tokyo 108-0023 Japan
Phone: +81 3 / 3451-7101
Fax:
+81 3 / 3451-7104
sales-japan@elmos.com
Sales and Application Support Office
Singapore
Elmos Semiconductor Singapore Pte Ltd.
3A International Business Park
#09-13 ICON@IBP
609935 Singapore
Phone: +65 (0) 6908 1261
Fax:
+65 (0) 6570 5906
sales-singapore@elmos.com
Elmos Support



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com