Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422
Description  DLP Display Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422 Datasheet(HTML) 3 Page - Texas Instruments

  DLPC4422 Datasheet HTML 1Page - Texas Instruments DLPC4422 Datasheet HTML 2Page - Texas Instruments DLPC4422 Datasheet HTML 3Page - Texas Instruments DLPC4422 Datasheet HTML 4Page - Texas Instruments DLPC4422 Datasheet HTML 5Page - Texas Instruments DLPC4422 Datasheet HTML 6Page - Texas Instruments DLPC4422 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
DLPC4422
www.ti.com
DLPS088 – JANUARY 2017
Product Folder Links: DLPC4422
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device and Documentation Support
5.1 Device Support
5.1.1 Video Timing Parameter Definitions
•
Active Lines Per Frame (ALPF) - Defines the number of lines in a Frame containing displayable data: ALPF
is a subset of the TLPF.
•
Active Pixels Per Line (APPL) - Defines the number of pixel clocks in a line containing displayable data:
APPL is a subset of the TPPL
•
Horizontal Back Porch Blanking (HBP) - Number of blank pixel clocks after Horizontal Sync but before the
first active pixel. Note: HBP times are reference to the leading (active) edge of the respective sync signal
•
Horizontal Front Porch Blanking (HFP) – Number of blank pixel clocks after the last active pixel but before
Horizontal Sync.
•
Horizontal Sync (HS) – Timing reference point that defines the start of each horizontal interval (line). The
absolute reference point is defined by the “active” edge of the HS signal. The “active” edge (either rising or
falling edge as defined by the source) is the reference from which all Horizontal Blanking parameters are
measured.
•
Total Lines Per Frame (TLPF) - Defines the Vertical Period (or Frame Time) in lines: TLPF = Total number
of lines per frame (active and inactive).
•
Total Pixel Per Line (TPPL) - Defines the Horizontal Line Period in pixel clocks: TPPL = Total number of
pixel clocks per line (active and inactive).
•
Vertical Back Porch Blanking (VBP) - Number of blank lines after Vertical Sync but before the first active
line.
•
Vertical Front Porch Blanking (VFP) - Number of blank lines after the last active line but before Vertical
Sync.
•
Vertical Sync (VS) – Timing reference point that defines the start of the vertical interval (frame). The absolute
reference point is defined by the “active” edge of the VS signal. The “active” edge (either rising or falling edge
as defined by the source) is the reference from which all Vertical Blanking parameters are measured.
Figure 1. Timing Parameter Diagram
5.1.2 Device Nomenclature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com