Electronic Components Datasheet Search
  English  ▼

X  

HD3SS460IRNHT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460IRNHT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460IRNHT Datasheet(HTML) 32 Page - Texas Instruments

Back Button HD3SS460IRNHT Datasheet HTML 28Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 29Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 30Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 31Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 32Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 33Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 34Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 35Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
www.ti.com
PACKAGE OUTLINE
C
30X 0.25
0.15
1.2±0.05
30X 0.35
0.25
0.8 MAX
(0.2) TYP
0.05
0.00
26X 0.4
2X
3.6
3.2±0.05
2X 1.6
4X (0.2)
A
2.6
2.4
B
4.6
4.4
WQFN - 0.8 mm max height
RNH0030A
PLASTIC QUAD FLATPACK - NO LEAD
4221819/A 04/2015
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
10
16
25
11
15
30
26
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
EXPOSED
THERMAL PAD
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
0.08
SCALE 3.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com