Electronic Components Datasheet Search
  English  ▼

X  

TPC8108 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8108
Description  Silicon P Channel MOS Type (U-MOSIII)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8108 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8108 Datasheet HTML 1Page - Toshiba Semiconductor TPC8108 Datasheet HTML 2Page - Toshiba Semiconductor TPC8108 Datasheet HTML 3Page - Toshiba Semiconductor TPC8108 Datasheet HTML 4Page - Toshiba Semiconductor TPC8108 Datasheet HTML 5Page - Toshiba Semiconductor TPC8108 Datasheet HTML 6Page - Toshiba Semiconductor TPC8108 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8108
2002-03-12
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8108
Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to small and thin package
• Low drain-source ON resistance: RDS (ON) = 9.5 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 24 S (typ.)
• Low leakage current: IDSS = −10 µA (max) (VDS = −30 V)
• Enhancement-mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−11
Drain current
Pulse (Note 1)
IDP
−44
A
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
1.9
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.0
W
Single pulse avalanche energy
(Note 3)
EAS
157
mJ
Avalanche current
IAR
−11
A
Repetitive avalanche energy
(Note 2a) (Note 4)
EAR
0.19
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For (Note 1), (Note 2), (Note 3) and (Note 4), please refer to the
next page.
This transistor is an electrostatic sensitive device. Please handle with
caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1B
Weight: 0.080 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


Similar Part No. - TPC8108

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8108 VBSEMI-TPC8108 Datasheet
996Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC8108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212 Datasheet
340Kb / 7P
Silicon N Channel MOS Type (U-MOSIII)
17-Jan-2002
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
06-Jul-2004
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
29-Aug-2003
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
06-Jul-2004
TPCA8005-H TOSHIBA-TPCA8005-H Datasheet
192Kb / 4P
Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
13-Nov-2003
2SJ681 TOSHIBA-2SJ681 Datasheet
253Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
30-Jun-2006
TPCF8201 TOSHIBA-TPCF8201 Datasheet
187Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
10-Nov-2003
2SJ681 TOSHIBA-2SJ681_09 Datasheet
160Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
TPC6003 TOSHIBA-TPC6003_07 Datasheet
236Kb / 7P
Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com