Electronic Components Datasheet Search
  English  ▼

X  

LM4819M Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4819M
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4819M Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4819M Datasheet HTML 8Page - National Semiconductor (TI) LM4819M Datasheet HTML 9Page - National Semiconductor (TI) LM4819M Datasheet HTML 10Page - National Semiconductor (TI) LM4819M Datasheet HTML 11Page - National Semiconductor (TI) LM4819M Datasheet HTML 12Page - National Semiconductor (TI) LM4819M Datasheet HTML 13Page - National Semiconductor (TI) LM4819M Datasheet HTML 14Page - National Semiconductor (TI) LM4819M Datasheet HTML 15Page - National Semiconductor (TI) LM4819M Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Application Information (Continued)
HIGHER GAIN AUDIO AMPLIFIER
The LM4819 is unity-gain stable and requires no external
components besides gain-setting resistors, an input coupling
capacitor, and proper supply bypassing in the typical appli-
cation. However, if a closed-loop differential gain of greater
than 10 is required, a feedback capacitor (C
4)
may be
needed as shown in Figure 2 to bandwidth limit the amplifier.
This feedback capacitor creates a low pass filter that elimi-
nates possible high frequency oscillations. Care should be
taken when calculating the -3dB frequency in that an incor-
rect combination of R
3
and C
4
will cause rolloff before
20kHz. A typical combination of feedback resistor and ca-
pacitor that will not produce audio band high frequency rolloff
is R
3 = 20kΩ and C4 = 25pF. These components result in a
-3dB point of approximately 320 kHz. It is not recommended
that the feedback resistor and capacitor be used to imple-
ment a band limiting filter below 100kHz.
DS200136-24
Figure 2
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com