Electronic Components Datasheet Search
  English  ▼

X  

U690B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U690B
Description  Rear Wiper Interval/Wipe-Wash Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U690B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U690B Datasheet HTML 1Page - TEMIC Semiconductors U690B Datasheet HTML 2Page - TEMIC Semiconductors U690B Datasheet HTML 3Page - TEMIC Semiconductors U690B Datasheet HTML 4Page - TEMIC Semiconductors U690B Datasheet HTML 5Page - TEMIC Semiconductors U690B Datasheet HTML 6Page - TEMIC Semiconductors U690B Datasheet HTML 7Page - TEMIC Semiconductors U690B Datasheet HTML 8Page - TEMIC Semiconductors U690B Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
U690B
Rev. A2, 28-Apr-97
()
Block Diagram
Stabilization
Power-on-Reset
Load-dump detection
Debouncing
Oscillator
Frequency comparator
GND
Relay
output
94 9297
Relay output
Logic
OSC
Vstab
6
78
R2
C2
R1
C1
1 k
W
10 nF
VBatt
360 k
W
47
mF
1
2
Signal
input
3
Program
input
5
Retrigger
input
4
56 k
W
R5
C5
1 nF
1 k
W
R6
R3
130 k
W
L
Hyst
180 k
W
R4
15
53
Water
pump
VBatt
15
Wiper
motor
Figure 1. Application circuit for rear wiper interval/wipe-wash control
Functional Description
Power Supply, Pin 8
For reasons of interference protection and surge immu-
nity, the supply voltage (Pin 8) must be provided with an
RC-circuit as shown in figure 2. Dropper resistor, R1, lim-
its the current in case of overvoltage, whereas C1
smoothes the supply voltage at Pin 8.
Recommended values are: R1 = 1 k
W, C1 = 47 mF.
An integratd Z-diode (7.3 V) generates the stabilized
voltage, Vstab, therefore, the operation of the IC is
possible between 6 V and 16 V, supplied by VBatt
(Terminal 15).
U690B
12
6
5
8
7
3
4
Relay
94 8868
15
1 k
W
R1
47 F/10 V
C1
R2
C2
m
Figure 2. Basic circuitry



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com