Electronic Components Datasheet Search
  English  ▼

X  

U4083B-AFP Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U4083B-AFP
Description  Low-Power Audio Amplifier for Telephone Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4083B-AFP Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U4083B-AFP Datasheet HTML 1Page - TEMIC Semiconductors U4083B-AFP Datasheet HTML 2Page - TEMIC Semiconductors U4083B-AFP Datasheet HTML 3Page - TEMIC Semiconductors U4083B-AFP Datasheet HTML 4Page - TEMIC Semiconductors U4083B-AFP Datasheet HTML 5Page - TEMIC Semiconductors U4083B-AFP Datasheet HTML 6Page - TEMIC Semiconductors U4083B-AFP Datasheet HTML 7Page - TEMIC Semiconductors U4083B-AFP Datasheet HTML 8Page - TEMIC Semiconductors U4083B-AFP Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
U4083B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A2, 07-Apr-97
3 (11)
Pin 6: Supply and power dissipation
Power dissipation is shown in figures 8 to 10 for different
loads. Distortion characteristics are given in figures 11 to
13.
Ptotmax
+
T
jmax –Tamb
R
thJA
where
Tjmax = Junction temperature = 140°C
Tamb = Ambient temperature
RthJA = Thermal resistance, junction-ambient
Power dissipated within the IC in a given application is
found from the following equation:
Ptot = (VS
@ IS) + (IRMS @ VS ) – (RL @ IRMS2)
IS is obtained from figures 15
IRMS is the RMS current at the load RL.
Operating range of the integrated circuit is defined with
a peak operating load current of
"200 mA (figures 8 to
13). It is further specified with respect to different loads
in figure 14. The left (ascending) portion of each of the
three curves is defined by the power level at which 10%
distortion occurs. The center flat portion of each curve is
defined by the maximum output current capability of the
integrated circuit. The right (descending) portion of each
curve is defined by the maximum internal power dissipa-
tion of the IC at 25
°C. At higher ambient temperatures,
the maximum load power must be reduced according to
the above mentioned equation.
Layout Considerations
Normally a snubber is not needed at the output of the IC,
unlike many other audio amplifiers. However, the PC
board layout, stray capacitances, and the manner in which
the speaker wires are configured, may dictate otherwise.
Generally the speaker wires should be twisted tightly, and
be not more than a few cm (or inches) in length.
Absolute Maximum Ratings
Reference point Pin 7, Tamb = 25°C unless otherwise specified.
Parameters
Symbol
Value
Unit
Supply voltage
Pin 6
VS
–1.0 to +18
V
Voltages
Pins 1, 2, 3 and 4
Disabled
Pins 5 and 8
–1.0 to (VS +1.0)
–1.0 to (VS +1.0)
V
V
Output current
Pins 5 and 8
"250
mA
Junction temperature
Tj
+140
°C
Storage temperature range
Tstg
–55 to +150
°C
Ambient temperature range
Tamb
–20 to +70
°C
Power dissipation: Tamb = 60°C
SO8
Ptot
440
mW
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
SO8
RthJA
180
K/W
Operation Recommendation
Parameters
Symbol
Value
Unit
Supply voltage
Pin 6
VS
2 to 16
V
Load impedance
Pins 5 to 8
RL
8.0 to 100
W
Load current
IL
"200
mA
Differential gain (5.0 kHz bandwidth)
DG
0 to 46
dB
Voltage @ CD Pin 1
VCD
VS
V
Ambient temperature range
Tamb
–20 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com