Electronic Components Datasheet Search
  English  ▼

X  

U4083 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U4083
Description  Low-Power Audio Amplifier for Telephone Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4083 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U4083 Datasheet HTML 1Page - TEMIC Semiconductors U4083 Datasheet HTML 2Page - TEMIC Semiconductors U4083 Datasheet HTML 3Page - TEMIC Semiconductors U4083 Datasheet HTML 4Page - TEMIC Semiconductors U4083 Datasheet HTML 5Page - TEMIC Semiconductors U4083 Datasheet HTML 6Page - TEMIC Semiconductors U4083 Datasheet HTML 7Page - TEMIC Semiconductors U4083 Datasheet HTML 8Page - TEMIC Semiconductors U4083 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
U4083B
TELEFUNKEN Semiconductors
Rev. A2, 07-Apr-97
Preliminary Information
4 (11)
Electrical Characteristics
Tamb = +25°C, reference point Pin 7, unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Amplifiers (AC Characteristics)
Open gain loop
(Amp. 1, f < 100 Hz)
GVOL1
80
dB
Closed gain loop (Amp. 2)
VS = 6.0 V, f = 1.0 kHz, RL = 32
W
GV2
–0.35
0
+0.35
dB
Gain bandwidth product
GBW
1.5
MHz
Output power
VS = 3.0 V, RL = 16
W, d < 10%
VS = 6.0 V, RL = 32
W, d < 10%
VS = 12 V, RL = 100
W, d < 10%
Po
Po
Po
55
250
400
mW
Total harmonic distortion
(f = 1.0 kHz)
VS = 6.0 V, RL = 32
W,
Po = 125 mW
VS > 3.0 V, RL = 8
W,
Po = 20 mW
VS > 12 V, RL = 32
W,
Po = 200 mW
d
d
d
0.5
0.5
0.6
1.0
%
Power supply rejection ra-
tio
VS = 6.0 V,
DVS = 3.0 V
C1 =
T, C2 = 0.01 mF
C1 = 0.1
mF, C2 = 0, f = 1.0 kHz
C1 = 1.0
mF, C2 = 5.0 mF,
f = 1.0 kHz
PSRR
PSRR
PSRR
50
12
52
dB
Muting
VS = 6.0 V, 1.0 kHz < f < 20 kHz,
CD = 2.0 V
GMUTE
>70
dB
Amplifiers (DC Characteristics)
Output dc level at VO1,
VO2
Rf = 75 kW
VS = 3.0 V, RL = 16
W
VS = 6.0 V
VS = 12 V
VO
VO
VO
1.0
1.15
2.65
5.65
1.25
V
Output high level
IO = – 75 mA,
2.0 V < VS < 16 V
VOH
VS–1
V
Output low level
IO = 75 mA,
2.0 V < VS < 16 V
VOL
0.16
V
Output dc offset voltage
(VO1 – VO2)
VS = 6.0 V, Rf = 75 k
W,
RL = 32
W
DVO
–30
0
+30
mV
Input bias current at Vi
VS = 6.0 V
–IIB
100
200
nA
Equivalent resistance at
Pin 3
VS = 6.0 V
R
100
150
220
k
W
Equivalent resistance at
Pin 2
VS = 6.0 V
R
18
25
40
k
W
Chip disable Pin 1
Input voltage
* low
Input voltage
* high
Input resistance
VS = VCD = 16 V
VIL
VIH
RCD
2.0
50
90
0.8
175
V
V
kW
Power supply current
VS = 3.0 V, RL =
T, CD = 0.8 V
VS = 16 V, RL =
T, CD = 0.8 V
VS = 3.0 V, RL =
T, CD = 2.0 V
IS
IS
IS
65
4.0
5.0
100
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com