Electronic Components Datasheet Search
  English  ▼

X  

CU20 Datasheet(PDF) 2 Page - XP Power Limited

Part # CU20
Description  Single Outputs from 3.3 V to 24 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CU20 Datasheet(HTML) 2 Page - XP Power Limited

  CU20 Datasheet HTML 1Page - XP Power Limited CU20 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
Mechanical Details
CU20
Models and Ratings
Output
Power
Output
Voltage(3)
Output Current
Efficiency
(typical)
Model
Number
Nominal
Peak(2)
15 W
3.3 VDC
4.40 A
6.60 A
70%
CU20-00
20 W
5.0 VDC
4.40 A
6.60 A
73%
CU20-10
9.0 VDC
2.44 A
4.00 A
77%
CU20-09
12.0 VDC
1.80 A
2.70 A
80%
CU20-12
15.0 VDC
1.40 A
2.10 A
80%
CU20-13
24.0 VDC
0.92 A
1.40 A
82%
CU20-14
Notes
1. Measured at 20 MHz bandwidth. 3.3 V models are 50 mV maximum.
2. Peak load lasting <30 s with a maximum duty cycle of 10%.
3. Alternative output voltages available. Consult sales.
0.15 (3.81)
N
(-) Vout
(+) Vout
3.20 (81.28)
3.50 (88.90)
L
0.13 (3.30) (4 PL)
weight: 0.220 lb (60 g)
V Adj.
1. All dimensions shown in inches (mm).
2. CU20 input connector mates with Molex housing 09-50-3031 and Molex 2878 series crimp terminal. Output connector mates with
Molex housing 90-50-3041 and Molex 2878 series crimp terminal.
3. CU20 cable harnesses with 300mm wire available. Order part number CU20 LOOM KIT †.
4. For mating connectors only, order part number CU20-60 CONKIT †.
5. Covers available. Order part number CU20 COVER † - 4.02” x 2.52” x 1.34” (102 x 64 x 34mm).
To receive unit with cover fitted, add suffix ‘-C’ to model number.
Notes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com