Electronic Components Datasheet Search
  English  ▼

X  

LM4832 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4832
Description  Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4832 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4832 Datasheet HTML 11Page - National Semiconductor (TI) LM4832 Datasheet HTML 12Page - National Semiconductor (TI) LM4832 Datasheet HTML 13Page - National Semiconductor (TI) LM4832 Datasheet HTML 14Page - National Semiconductor (TI) LM4832 Datasheet HTML 15Page - National Semiconductor (TI) LM4832 Datasheet HTML 16Page - National Semiconductor (TI) LM4832 Datasheet HTML 17Page - National Semiconductor (TI) LM4832 Datasheet HTML 18Page - National Semiconductor (TI) LM4832 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Application Information (Continued)
GENERAL PURPOSE OUTPUT PIN
The General Purpose Output pin is intended to be used as a
control signal for other devices, such as an external power
amplifier. This pin is controlled through the I
2C interface and
is not relatedto any other functions within the LM4832. Refer
to the Truth Tables section for the proper I
2C data bits to uti-
lize this function.
Figure 7 shows an example of using the General Purpose
Output to interface with an external power amp. In this case,
the external power amp is the LM4755 stereo 10 watt per
channel (rms) power amplifier with mute. AC-coupling ca-
pacitors must be used to remove the DC bias present be-
tween the LM4832 outputs and the external power amplifier
inputs.
Prior to placing any of the preamp circuitry in shutdown, the
General Purpose Output should be used to disable the exter-
nal power amplifier.This will prevent any shutdown transients
in the preamp circuitry from being amplified by the external
power amplifier.
LOOP IN/OUT PINS
The Loop In and Loop Out pins are used when an application
requires a special function to be performed on the audio sig-
nal. As shown in
Figure 7, the audio signal is taken from the
Loop Out pin and sent to an external signal processor. After
the signal is processed externally, it is fed back into the Loop
In pin.
An example of where this functionality would be used is com-
puter speakers. The external loop could be used to provide
bass boost to counteract the speaker’s natural or baffle-
induced rolloff.
Since the Loop In pin goes directly to the input of a CMOS
amplifier, the input impedance is very high. The Loop Out pin
is driven by the input attenuation amplifier, which is capable
of driving impedances as low as 1 k
Ω.
DS100014-29
FIGURE 6. Tone Control Diagram
DS100014-30
10W/ch System with I
2C Controlled Tone,Volume and 3D Sound
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com