Electronic Components Datasheet Search
  English  ▼

X  

U6805B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U6805B
Description  Hex-Driver with Thermal Monitoring
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6805B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U6805B Datasheet HTML 1Page - TEMIC Semiconductors U6805B Datasheet HTML 2Page - TEMIC Semiconductors U6805B Datasheet HTML 3Page - TEMIC Semiconductors U6805B Datasheet HTML 4Page - TEMIC Semiconductors U6805B Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U6805B
TELEFUNKEN Semiconductors
Rev. A3, 28-Apr-97
2 (5)
Pin Description
1
2
3
4
14
13
12
11
V
O1
V
O3
V
I1
V
I2
V
I3
V
S
13335
5
6
7
GND
V
O5
V
O6
10
9
8
V
I4
V
I5
V
I6
V
O2
V
O4
Figure 2. Pinning
Pin
Symbol
Function
1
VO1
Output 1
2
VO2
Output 2
3
VO3
Output 3
4
GND
Ground
5
VO4
Output 4
6
VO5
Output 5
7
VO6
Output 6
8
VI6
Input 6
9
VI5
Input 5
10
VI4
Input 4
11
VS
Supply voltage, 5 V
12
VI3
Input 3
13
VI2
Input 2
14
VI1
Input 1
Basic Circuitry
Integrated circuit, U6805B, requires a stabilized supply
voltage (VS = 5 V
"5%) to comply with its electrical
characteristics. An external buffer capacitor of C = 100 nF
value is recommended. An integrated 14-V Z-diode
between VS and ground protects the supply pin.
All input stages are provided with an integrated 250 k
W
pull–up resistor and can be directly connected to a micro-
controller.
All output stages are open collectors each capable of
sinking 20 mA. Recommended external components:
Pull–up resistor, R = 1 k
W
Capacitor to GND, C = 470 pF, see figure 3
Functional Description
General
ON state: Low level at the input stage activates the
corresponding output stage.
OFF state: The internal pull-up resistor gives high level
to the input comparator and deactivates the output stage.
7-V Z-diodes between each input pin and GND are
capable of
"10 mA clamping currents without crosstalk
on adjacent input stages.
A total clamping current of
"30 mA should be observed
with respect to the power dissipation.
Current Limitation of the Output
Stages and Overtemperature
Shut-down
A temperature dependent current limitation between
25 and 100 mA protects the stages during a short.
Additionally the chip temperature is monitored. For Tchip
> 148
_C all outputs are disabled and automatically
enabled with a hysteresis of
DTChip > 5 K.
Refer to hexdriver U6807B if the temperature shut down
is not required.
Transients and Load-Dump
An integrated 28-V Z-diode protects each output stage
against transients and load-dump (Schaffner pulses).
With the help of external 1-k
W resistor , the output
transistor is capable of the corresponding current which
flows during each of these conditions. Apart from that,
outputs are short circuit and overload protected.
Low Voltage Detection
When supply voltage is switched on, a power-on reset
pulse is generated internally, which disables all output
stages until a defined supply voltage level is reached. The
low voltage detection is provided with a hysteresis of
Vhyst = 0.5 V typically.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com