Electronic Components Datasheet Search
  English  ▼

X  

DMA Datasheet(PDF) 2 Page - XP Power Limited

Part # DMA
Description  Open Frame Telecom DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DMA Datasheet(HTML) 2 Page - XP Power Limited

  DMA Datasheet HTML 1Page - XP Power Limited DMA Datasheet HTML 2Page - XP Power Limited DMA Datasheet HTML 3Page - XP Power Limited DMA Datasheet HTML 4Page - XP Power Limited DMA Datasheet HTML 5Page - XP Power Limited DMA Datasheet HTML 6Page - XP Power Limited DMA Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
xppower.com
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
36
48
75
VDC
Can be configured as -48 VDC. See Fig. 11
Input Current - Full Load
5
7
A
Input Reverse Voltage Protection
Continuous protection with automatic recovery
Input Transient
ETSI EN300 132:2003 Compliant
Undervoltage Lockout Protection
32
35
VDC
Inrush Current
30
A
48 VDC input
(1) . See Fig. 1
Input Protection
15
A
Fast acting fuse
(2)
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
12
VDC
See Models and Ratings table
Initial Set Accuracy
V1:±1, V2:±5, V3:±3
%
48 VDC input at 50% load
Output Voltage Adjustment
%
Not fitted
Minimum Load
10
%
On V1 required to meet all specification
parameters on V2 & V3.
Start Up Delay
2
3
s
See Fig. 2
Hold-Up Time
4
ms
Drift
±0.2
%/şC
Line Regulation
V1:±0.5, V2:±5, V3:±3
%
Of nominal with input variation 36-75 VDC
Load Regulation
V1:±1, V2:±5, V3:±3
%
10-100% load of nominal input
Transient Response - V1
4
%
Recovery within 1% in less than 500 μs
for a 50-75-50% load step
Over/Undershoot - V1
1
%
Ripple & Noise
1
% pk-pk
20 MHz bandwidth See Fig. 3
Overvoltage Protection
115
140
%
Vnom DC output 1 only, recycle input to reset
Overload Protection
110
125
% I nom
Output 1 only auto restart. See Fig. 4
Short Circuit Protection
Continuous, trip & restart (hiccup) characteristic
Temperature Coefficient
0.02
%/˚C
After 20 mins warm up
Models and Ratings
Figure 1
Typical inrush current characteristics (30 A)
Input Voltage
Input Current
Input Characteristics
Note: 1. ETSI EN 300 132:2003 Compliant
2. Fuse fitted in -ve input line. See Fig. 10 & 11.
Max Output Power
(10 CFM Air Flow)
Output Voltage
V1
Output Current
(10 CFM Airflow)
Fan Output
V2
Standby Supply
V3
Model
Number
212 W
12.0 VDC
16.7 A
12.0 V/1.0 A
5.0 V/0.1 A
DMA21248S12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com