Electronic Components Datasheet Search
  English  ▼

X  

E10 Datasheet(PDF) 2 Page - XP Power Limited

Part # E10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

E10 Datasheet(HTML) 2 Page - XP Power Limited

  E10 Datasheet HTML 1Page - XP Power Limited E10 Datasheet HTML 2Page - XP Power Limited E10 Datasheet HTML 3Page - XP Power Limited E10 Datasheet HTML 4Page - XP Power Limited E10 Datasheet HTML 5Page - XP Power Limited E10 Datasheet HTML 6Page - XP Power Limited E10 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL
INPUT
VOLTAGE
OUTPUT
VOLTAGE*2
OUTPUT
CURRENT1
RIPPLE
P-P
REVERSIBLE
E01
0 to 12VDC
0 to 100VDC
30mA
<0.1%
E02
0 to 12VDC
0 to 200VDC
15mA
<0.25%
E02-5
0 to 12VDC
0 to 250VDC
12mA
<0.75%
E03
0 to 12VDC
0 to 300VDC
10mA
<1%
E05
0 to 12VDC
0 to 500VDC
6.0mA
<0.02%
E06
0 to 12VDC
0 to 600VDC
5.0mA
<0.1%
E07-5
0 to 12VDC
0 to 750VDC
4.0mA
—
E08
0 to 12VDC
0 to 800VDC
3.7mA
<0.03%
E10
0 to 12VDC
0 to 1000VDC
3.0mA
<0.03%
E12
0 to 12VDC
0 to 1200VDC
2.5mA
<0.05%
E15
0 to 12VDC
0 to 1500VDC
2.0mA
<0.05%
E20
0 to 12VDC
0 to 2000VDC
1.5mA
<0.25%
E30
0 to 15VDC
0 to 3000VDC
1.0mA
<0.25%
E40
0 to 15VDC
0 to 4000VDC
0.75mA
<0.5%
E50
0 to 15VDC
0 to 5000VDC
0.60mA
<0.5%
E60
0 to 15VDC
0 to 6000VDC
0.50mA
<0.5%
E70
0 to 15VDC
0 to 7000VDC
0.43mA
<1%
E80
0 to 15VDC
0 to 8000VDC
0.25mA
<1.25%
E101
0 to 15VDC
0 to 10,000VDC
0.20mA
<1.5%
E121
0 to 15VDC
0 to 12,000VDC
0.16mA
<1.5%
CENTER TAPPED*4
E01CT
0 to 12VDC
0 to +/- 50VDC
30mA
<0.1%
E02CT
0 to 12VDC
0 to +/- 100VDC
15mA
<0.25%
E02-5CT
0 to 12VDC
0 to +/- 125 VDC
12mA
<0.75%
E03CT
0 to 12VDC
0 to +/- 150VDC
10mA
<1%
E05CT
0 to 12VDC
0 to +/- 250VDC
6.0mA
<0.02%
E06CT
0 to 12VDC
0 to +/- 300VDC
5.0mA
<0.1%
E07-5CT
0 to 12VDC
0 to +/- 375VDC
4.0mA
—
E08CT
0 to 12VDC
0 to +/- 400VDC
3.7mA
<0.03%
E10CT
0 to 12VDC
0 to +/- 500VDC
3.0mA
<0.03%
E12CT
0 to 12VDC
0 to +/- 600VDC
2.5mA
<0.05%
E15CT
0 to 12VDC
0 to +/- 750VDC
2.0mA
<0.05%
E20CT
0 to 12VDC
0 to +/- 1000VDC
1.5mA
<0.25%
E30CT
0 to 15VDC
0 to +/- 1500VDC
1.0mA
<0.25%
E40CT
0 to 15VDC
0 to +/- 2000VDC
0.75mA
<0.5%
E50CT
0 to 15VDC
0 to +/- 2500VDC
0.60mA
<0.5%
E60CT
0 to 15VDC
0 to +/- 3000VDC
0.50mA
<0.5%
E70CT
0 to 15VDC
0 to +/- 3500VDC
0.43mA
<1%
E80CT
0 to 15VDC
0 to +/- 4000VDC
0.25mA
<1.25%
E101CT
0 to 15VDC
0 to +/- 5000VDC
0.20mA
<1.5%
E121CT
0 to 15VDC
0 to +/- 5600VDC
0.16mA
<1.5%
MODEL
INPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE*5
REVERSIBLE
MODEL
OUTPUT
VOLTAGE*2
DUAL OUTPUT
(CENTER TAP)
MODEL*4
OUTPUT
VOLTAGE*2
E02/E02CT
0 to 12V
15mA
<0.25%
E02
0 to 200V
E02CT
0 to +/- 100V
E02-5/E02-5CT
0 to 12V
12mA
<0.75%
E02-5
0 to 250V
E02-5CT
0 to +/- 125V
E03/E03CT
0 to 12V
10mA
<1%
E03
0 to 300V
E03CT
0 to +/- 150V
E05/E05CT
0 to 12V
6.0mA
<0.1%
E05
0 to 500V
E05CT
0 to +/- 250V
E06/E06CT
0 to 12V
5.0mA
<0.1%
E06
0 to 600V
E06CT
0 to +/- 300V
E07-5/E07-5CT
0 to 12V
4.0mA
<0.1%
E07-5
0 to 750V
E07-5CT
0 to +/- 375V
E08/E08CT
0 to 12V
3.7mA
<0.1%
E08
0 to 800V
E08CT
0 to +/- 400V
E10/E10CT
0 to 12V
3.0mA
<0.05%
E10
0 to 1kV
E10CT
0 to +/- 500V
E12/E12CT
0 to 12V
2.5mA
<0.05%
E12
0 to 1.2kV
E12CT
0 to +/- 600V
E15/E15CT
0 to 12V
2.0mA
<0.05%
E15
0 to 1.5kV
E15CT
0 to +/- 750V
E20/E20CT
0 to 12V
1.5mA
<0.25%
E20
0 to 2kV
E20CT
0 to +/- 1kV
E30/E30CT
0 to 15V
1.0mA
<0.25%
E30
0 to 3kV
E30CT
0 to +/- 1.5kV
E40/E40CT
0 to 15V
0.75mA
<0.5%
E40
0 to 4kV
E40CT
0 to +/- 2kV
E50/E50CT
0 to 15V
0.60mA
<0.5%
E50
0 to 5kV
E50CT
0 to +/- 2.5kV
E60/E60CT
0 to 15V
0.50mA
<0.5%
E60
0 to 6kV
E60CT
0 to +/- 3kV
E70/E70CT
0 to 15V
0.43mA
<1%
E70
0 to 7kV
E70CT
0 to +/- 3.5kV
E80/E80CT
0 to 15V
0.25mA
<1.25%
E80
0 to 8kV
E80CT
0 to +/- 4kV
4719BH03
PAGE 2
WWW.XPPOWER.COM
ELECTRICAL SPECIFICATIONS*
3
E SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com