Electronic Components Datasheet Search
  English  ▼

X  

ECM140US48 Datasheet(PDF) 9 Page - XP Power Limited

Part # ECM140US48
Description  High Efficiency Resonant Topology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM140US48 Datasheet(HTML) 9 Page - XP Power Limited

Back Button ECM140US48 Datasheet HTML 5Page - XP Power Limited ECM140US48 Datasheet HTML 6Page - XP Power Limited ECM140US48 Datasheet HTML 7Page - XP Power Limited ECM140US48 Datasheet HTML 8Page - XP Power Limited ECM140US48 Datasheet HTML 9Page - XP Power Limited ECM140US48 Datasheet HTML 10Page - XP Power Limited ECM140US48 Datasheet HTML 11Page - XP Power Limited ECM140US48 Datasheet HTML 12Page - XP Power Limited ECM140US48 Datasheet HTML 13Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Xxxxxxxxxx
xppower.com
9
Signals (cont.)
Remote On/Off (Inhibit/Enable) (Optional -A)
Figure 19
Example of outputs
switching on when
Inhibit (Lo) configuration
used & switch open
Figure 18
Example of outputs
switching off when
Inhibit (Lo) configuration
used & switch closed
Inhibit Hi
Pin 5
POWER SUPPLY
200
Ω
J3
Inhibit Lo
Pin 6
5 V Standby
Pin 1
Logic GND Pin
Pins 2 & 3
8 V Max
1 mA min
20 mA max
Figure 16
Inhibit (Hi)
8 V Max
Inhibit Hi
Pin 5
POWER SUPPLY
200
Ω
J3
Inhibit Lo
Pin 6
5 V Standby
Pin 1
Logic GND
Pins 2 & 3
1 mA min
20 mA max
Figure 17
Inhibit (Lo)
Inhibit
V2
V1
V3 (optional)
Inhibit
V2
V1
V3 (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com