Electronic Components Datasheet Search
  English  ▼

X  

HC Datasheet(PDF) 1 Page - MTRONPTI

Part # HC
Description  Broadband Lumped Element Highpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

HC Datasheet(HTML) 1 Page - MTRONPTI

  HC Datasheet HTML 1Page - MTRONPTI HC Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Support
Contact Us
How to Order
Sales Representative Locator
Glossary of Technical Terms
Download
Videos
Catalog
Flyers
Company Info
Environmental Standards
Terms of Use & Privacy Policy
ISO Registration
Careers
Corporate Overview
Driving Directions
Employee Tools
Executive Biographies
Download Logos
Products
Fixed Filters
Tunable Filters
Power Dividers
Directional Couplers
Attenuators
Switches
Terminations
Test Accessories
Copyright © 2014 Trilithic, Inc. All Rights Reserved
HC Series
Broadband Lumped Element
Highpass Filter
MtronPTI offers a full line of high performance, broadband lumped element highpass filters.
The standard product line utilizes a low ripple Chebyshev design and covers the frequency range of 1 GHz to 18 GHz. This high technology lumped element approach
makes is possible to design broadband, resonance-free passbands up to 18 GHz. Consult our factory for custom applications which require passbands above 18 GHz or
special packaging needs.
Standard Passbands
Nomincal 3dB
Cutoff (MHz)
Passband (MHz)
Loss (dB)
VSWR
1000
1100-10,000
1.2
1.5:1
1500
1650 - 10,000
1.2
1.5:1
2000
2200 - 10,000
1.2
1.5:1
1000
1100 - 10,000
1.2
2.0:1
1500
1650 - 12,000
1.2
2.0:1
2000
2200 - 18,000
1.2
2.0:1
2500
2750 - 18,000*
1.2
2.0:1
3000
3300 - 18,000*
1.2
2.0:1
*Contact factory for passbands above 18,000 MHz.
Overview
http://www.mtronpti.com/products/Filter/Highpass/HC-series-broadband


Similar Description - HC

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2055 KR-2055 Datasheet
15Kb / 1P
Highpass Filter
2281 KR-2281 Datasheet
21Kb / 1P
Highpass Filter
2357 KR-2357 Datasheet
15Kb / 1P
Highpass Filter
2432-30-SMA KR-2432-30-SMA Datasheet
47Kb / 2P
Highpass Filter
2432-50 KR-2432-50 Datasheet
399Kb / 2P
Highpass Filter
2432-500-SMA KR-2432-500-SMA Datasheet
47Kb / 2P
Highpass Filter
2583 KR-2583 Datasheet
21Kb / 2P
Highpass Filter
2902 KR-2902 Datasheet
84Kb / 2P
Highpass Filter
logo
MTRONPTI
9100R MTRONPTI-9100R Datasheet
73Kb / 1P
SPECIFICATION FOR A LUMPED ELEMENT (LC) FILTER
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
Custom Substrates - Metal Via / Multilayer / Lumped Element
14-Sep-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com