Electronic Components Datasheet Search
  English  ▼

X  

UPC2918T Datasheet(PDF) 3 Page - NEC

Part # UPC2918T
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2918T Datasheet(HTML) 3 Page - NEC

  UPC2918T Datasheet HTML 1Page - NEC UPC2918T Datasheet HTML 2Page - NEC UPC2918T Datasheet HTML 3Page - NEC UPC2918T Datasheet HTML 4Page - NEC UPC2918T Datasheet HTML 5Page - NEC UPC2918T Datasheet HTML 6Page - NEC UPC2918T Datasheet HTML 7Page - NEC UPC2918T Datasheet HTML 8Page - NEC UPC2918T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet G14983EJ3V0DS
3
µµµµPC2918, 2925, 2926
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
–0.3 to +20
V
Internal Power Dissipation (TC = 25
°C)
PT
10
Note
W
Operating Ambient Temperature
TA
–30 to +85
°C
Operating Junction Temperature
TJ
–30 to +150
°C
Storage Temperature
Tstg
–55 to +150
°C
Thermal Resistance (junction to case)
Rth(J-C)
12.5
°C/W
Thermal Resistance (junction to ambient)
Rth(J-A)
125
°C/W
Note Internally limited. When the operating junction temperature rises over 150
°C, the internal circuit shuts down the
output voltage.
Caution If the absolute maximum rating of any of the above parameters is exceeded even momentarily, the
quality of the product may be degraded. In other words, absolute maximum ratings specify the
values exceeding which the product may be physically damaged. Be sure to use the product with
these ratings never exceeded.
TYPICAL CONNECTION
+
D2
D1
CIN
COUT
INPUT
OUTPUT
PC2918, 2925, 2926
µ
CIN: 0.1
µF or higher. Set this value according to the length of the line between the regulator and INPUT pin. Be sure
to connect CIN to prevent parasitic oscillation. Use of a film capacitor or other capacitor with excellent voltage and
temperature characteristics is recommended. If using a laminated ceramic capacitor, it is necessary to ensure
that CIN is 0.1
µF or higher for the voltage and temperature range to be used.
COUT: 10
µF or higher. Be sure to connect COUT to prevent oscillation and improve excessive load regulation. Place
CIN and COUT as close as possible to the IC pins (within 2 cm). Also, use an electrolytic capacitor with low
impedance characteristics if considering use at sub-zero temperatures.
D1: If the OUTPUT pin has a higher voltage than the INPUT pin, connect a diode.
D2: If the OUTPUT pin has a lower voltage than the GND pin, connect a Schottky barrier diode.
Caution Make sure that no voltage is applied to the OUTPUT pin from external.
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com