Electronic Components Datasheet Search
  English  ▼

X  

V6340 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # V6340
Description  Ultra Low Cost 3-Pin Microprocessor Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6340 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

  V6340 Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6340 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6340 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6340 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6340 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6340 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V6340 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V6340 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
R
V6340
Copyright © 2005, EM Microelectronic-Marin SA
03/06 – rev.K
7
www.emmicroelectronic.com
Ordering Information
Part Number:
V6340
SP3B
+
Threshold Voltage and Output Type
RoHS
+ = lead-free & green mold
2.6V
3.0V
3.7V
4.4V
[blank] = leaded
Push-pull, Reset active low
B
C
D
F
Push-pull, Reset active high
H
I
J
L
Package and Delivery Form
Open drain, Reset active low
N
O
P
R
SP3B = SOT23-3, Tape & Reel
Table 7
TO3E = TO92, Ammopack
R
Note:
Subject to availability (see standard versions list below). When ordering, please give complete Part Number
without space between letters: eg. V6340RSP3B, etc.
Standard Versions (Top Marking)
Marking for TO-92 package
Part Number
Package Marking
V6340FTO3E+
V6340F
V6340NTO3E
V6340N
V6340OTO3E
V6340O
Part Number
Package Marking
V6340RTO3E+
V6340R
V6340RTO3E
V6340R
Table 8
Marking for SOT23-3 package
Part Number
Threshold
Voltage
Output type
Package and
Delivery
Form
Top
Marking
1)
Top Marking
2)
with 4
Characters
Top Marking
3)
with 3
Characters
V6340BSP3B
2.6V
AAAB
AB#
V6340BSP3B+
2.6V
E1##
BAAB
V6340CSP3B
3.0V
AAAC
AC#
V6340CSP3B+
3.0V
EC##
BAAC
V6340DSP3B
3.7V
AU##
AAAD
AD#
V6340DSP3B+
3.7V
BU##
BAAD
V6340FSP3B
4.4V
AAAF
AF#
V6340FSP3B+
4.4V
Active low
push-pull
EA##
BAAF
V6340HSP3B
2.6V
AAAH
AH#
V6340ISP3B
3.0V
AAAI
AI#
V6340JSP3B
3.7V
AAAJ
AJ#
V6340LSP3B
4.4V
AAAL
AL#
V6340LSP3B+
4.4V
Active high
push-pull
E8##
BAAL
V6340NSP3B
2.6V
AAAN
AN#
V6340OSP3B
3.0V
AAAO
AO#
V6340OSP3B+
3.0V
EB##
BAAO
V6340PSP3B
3.7V
AAAP
AP#
V6340PSP3B+
3.7V
ED##
BAAP
V6340RSP3B
4.4V
P9##
AAAR
AR#
V6340RSP3B+
4.4V
Active low
open-drain
SOT23-3L,
Tape & Reel
3000 pcs
E3##
BAAR
Table 9
1)
Top marking is standard from 2006. No bottom marking exists. Where ## refers to the lot number (EM internal reference
only)
2)
Top marking with 4 characters is standard from 2003. For lead-free/green mold (RoHS) parts, the first letter of top
marking with 4 characters begins with letter “B” instead of letter “A”. Bottom marking indicates the lot number.
3)
Top marking with 3 characters is kept as information since it was used until 2002.
Where # refers to the lot number (EM internal reference only)
Traceability for small packages
Due to the limited space on the package surface, the bottom marking contains a limited number of characters that provide
only partial information for lot traceability. Full information for complete traceability is however provided on the packing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com