Electronic Components Datasheet Search
  English  ▼

X  

V61308P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # V61308P
Description  Accurate Power Surveillance and Software Monitoring
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V61308P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  V61308P Datasheet HTML 1Page - List of Unclassifed Manufacturers V61308P Datasheet HTML 2Page - List of Unclassifed Manufacturers V61308P Datasheet HTML 3Page - List of Unclassifed Manufacturers V61308P Datasheet HTML 4Page - List of Unclassifed Manufacturers V61308P Datasheet HTML 5Page - List of Unclassifed Manufacturers V61308P Datasheet HTML 6Page - List of Unclassifed Manufacturers V61308P Datasheet HTML 7Page - List of Unclassifed Manufacturers V61308P Datasheet HTML 8Page - List of Unclassifed Manufacturers V61308P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
Parameter
Symbol Conditions
Maximum voltage at VDD
VDDmax
VSS + 8 V
Minimum voltage at VDD
VDDmin
VSS - 0.3 V
Max. voltage at any signal pin
VMAX
VDD+ 0.3 V
Min. voltage at any signal pin
VMIN
VSS - 0.3 V
Storage temperature
TSTO
-65 to +150 °C
Electrostatic discharge max. to
MIL-STD-883C method 3015
VSmax
1000V
Max. soldering conditions
TSmax
250 °C x 10 s
Table 1
Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure beyond
specified operating conditions may affect device reliabil-
ity or cause malfunction.
Handling Procedures
This device has built-in protection against high static volt-
ages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur
when all terminal voltages are kept within the supply volt-
age range. Unused inputs must always be tied to a de-
fined logic voltage level.
Operating Conditions
Parameter
Symbol Min. Max. Units
Operating temperature 1)
TJ
-40
+125
°C
Supply voltage 2)
VDD
1.2
7
V
RES & EN guaranteed 3)
VDD
1.2
V
Comparator input voltage
VIN
0
VDD
V
RC-oscillator programming
R
10
1000
k
Ω
Table 2
1) The maximum operating temperature is confirmed by sampling
at initial device qualification. In production, all devices are
tested at +85 °C. On request devices tested at +125 °C can
be supplied.
2) A 100 nF decoupling capacitor is required on the supply
voltage VDD for stability.
3) RES must be pulled up externally to VDD event if it is unused.
(Note: RES and EN are used as inputs by EM test.)
2
V6130
Electrical Characteristics
3.0
≤ VDD ≤ 5.5 V, C = 100 nF, TA = -40 to +85 °C, unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Unit
Supply current in standby mode
ISS
REXT = don’t care, TCL = VDD,
VIN = 0 V
22
35
µA
Supply current
ISS
REXT = 100 kΩ, I/Ps at VDD,
O/Ps 1 M
Ω to VDD
55
100
µA
RES and EN
Output Low Voltage
VOL
VDD = 4.5 V, IOL = 20 mA
0.4
V
VOL
VDD = 4.5 V, IOL = 8 mA
0.2
0.4
V
VOL
VDD = 2.0 V, IOL = 4 mA
0.2
0.4
V
VOL
VDD = 1.2 V, IOL = 0.5 mA
0.06
0.2
V
EN
Output High Voltage
VOH
VDD = 4.5 V, IOH = -1 mA
3.5
4.1
V
VOH
VDD = 2.0 V, IOH = -100 µA
1.8
1.9
V
VOH
VDD = 1.2 V, IOH = -30 µA
1.0
1.1
V
TCL and VIN
TCL input low level
VIL
VSS
0.8
V
TCL input high level
VIH
2.0
VDD
V
Leakage current TCL input
ILI
VSS ≤ VTCL ≤ VDD
0.05
1
µA
VIN input resistance
RVIN
100
M
Ω
Comparator reference1)
VREF
TA = +25 °C
1.148
1.170
1.200
V
VREF
TA = -20 to +70 °C
1.123
1.218
V
VREF
1.123
1.222
V
Comparator hysteresis1)
VHY
2
mV
Table 3
1) The comparator reference is the power-down reset threshold. The power-on reset threshold equals the comparator reference
voltage plus the comparator hysteresis (see Fig.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com