Electronic Components Datasheet Search
  English  ▼

X  

MASW-011060 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011060
Description  Suitable for Large Signal Broadband Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011060 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-011060 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011060 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011060 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011060 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011060 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-011060 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-011060 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Switch, SP2T 100 Watt Reflective
0.5 - 6.0 GHz
Rev. V1
MASW-011060
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
PIN = 0 dBm
0.5 GHz
1.0 GHz
2.0 GHz
3.0 GHz
4.0 GHz
5.0 GHz
6.0 GHz
dB
—
0.15
0.25
0.30
0.35
0.50
0.75
0.80
—
—
0.45
—
—
—
—
Isolation
PIN = 0 dBm
0.5 GHz
1.0 GHz
2.0 GHz
3.0 GHz
4.0 GHz
5.0 GHz
6.0 GHz
dB
—
—
40
—
—
—
—
47
47
44
40
35
32
28
—
Input Return Loss
PIN = 0 dBm
dB
—
>15
—
CW Input Power6
25°C Base plate, 2 GHz
VDC = 0 V / 28 V
dBm
W
—
52
158
—
CW Input Power6
85°C Base plate, 2 GHz
VDC = 0 V / 28 V
dBm
W
—
50
100
—
P0.1dB6
25°C Base plate, 2 GHz
VDC = 0 V / 28 V
dBm
—
52
—
Input IP3
F1 = 3000 MHz, F2 = 3010 MHz
PIN = 40 dBm/Tone, VDC = 0 V / 28 V
dBm
—
75
—
TON, TOFF
50% control to 90% RF,
50% control to 10% RF
µs
—
1.5
—
TRISE, TFALL
10% to 90% RF,
90% to 10% RF
µs
—
1.1
—
Electrical Specifications: TA = 25°C, Bias = +5 / -5 V
5, 50 mA / 100 mA
5. See Bias table and Application Schematic.
6. DC reverse bias of a PIN Diode operating at a high power is dependent on RF Frequency, Incident Power, and VSWR. See Minimum
Reverse DC Voltage table for high power operation.
Absolute Maximum Ratings7,8
Parameter
Absolute Maximum
Forward Current
150 mA
Reverse DC Voltage
-150 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +150°C
Junction Temperature
+175°C
7. Exceeding any one or combination of these limits may cause
permanent damage to this device.
8. MACOM does not recommend sustained operation near these
survivability limits.
Minimum Reverse DC Voltage9
Frequency (MHz)
Minimum Reverse
DC Voltage
500
| -41 V |
1000
| -22 V |
2000
| -11 V |
3000
| -8 V |
4000
| -6 V |
9. Required to maintain low loss under 100 W of incident power
with 1.5:1 VSWR.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com