Electronic Components Datasheet Search
  English  ▼

X  

MNP0008 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MNP0008
Description  Silicon NIP Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MNP0008 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MNP0008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MNP0008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NIP Diode
Rev. V1
MNP0008
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0014084
1
Features
 Rugged Construction
 C12P Package Style
Description
The MNP0008 is a silicon NIP diode.
Electrical Specifications: TC = +25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Voltage Breakdown
IR = 10 µA
V
100
—
—
Forward Voltage
IF = 50 mA
mV
—
—
990
Capacitance
VR = 10 V, 1 MHz
pF
—
0.08
0.12
Series Resistance
IF = 10 mA, 100 MHz
Ω
—
2.0
2.5
Lifetime
IF = 10 mA, IR = 6 mA, 50%
ns
—
150
—
I Layer
—
µm
—
10
—
Absolute Maximum Ratings1,2
Parameter
Absolute Maximum
Reverse Voltage
100 V
Operating Temperature
-65°C to +150°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. MACOM does not recommend sustained operation near these
survivability limits.
Outline, C12P
Top Contact
(cathode)
Back Contact
Dimensions in mils [mm]


Similar Part No. - MNP0008

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MNP0014A MA-COM-MNP0014A Datasheet
524Kb / 2P
Silicon NIP Diode
More results

Similar Description - MNP0008

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-3140 ASI-5082-3140 Datasheet
20Kb / 1P
MICROSTRIP/STRIPLINE NIP DIODE SWITCH
logo
Fuji Electric
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
SILICON DIODE
logo
Microsemi Corporation
GC4310 MICROSEMI-GC4310 Datasheet
209Kb / 4P
CONTROL DEVICES High Speed NIP Diodes
GC4510 MICROSEMI-GC4510 Datasheet
171Kb / 4P
CONTROL DEVICES High Voltage NIP Diodes TM
logo
Sanken electric
EG01C SANKEN-EG01C Datasheet
137Kb / 4P
Silicon Diode
logo
Unisonic Technologies
FCU20U20 UTC-FCU20U20 Datasheet
101Kb / 3P
SILICON DIODE
logo
M/A-COM Technology Solu...
MNP0014A MA-COM-MNP0014A Datasheet
524Kb / 2P
Silicon NIP Diode
logo
List of Unclassifed Man...
J108 ETC-J108 Datasheet
68Kb / 1P
Performance Curves NIP See Sedion 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com