Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 2 Page - Diotech Company.

Part # 2N7002
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

2N7002 Datasheet(HTML) 2 Page - Diotech Company.

  2N7002_16 Datasheet HTML 1Page - Diotech Company. 2N7002_16 Datasheet HTML 2Page - Diotech Company. 2N7002_16 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N7002
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Voltage - 60 Volts
Drain Curreent - 115 mAmps
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID= 10µAdc)
V(BR)DSS
60
–
–
Vdc
Zero Gate Voltage Drain Current
TJ = 25°C
(VGS = 0, VDS
T
)
c
d
V
0
6
=
J
= 125 °C
IDSS
–
–
–
–
1.0
500
µAdc
Gate–Body Leakage Current, Forward
(VGS = 20 Vdc)
IGSSF
–
–
Gate–Body Leakage Current, Reverse
(VGS = – 20 Vdc)
IGSSR
–
–
ON CHARACTERISTICS (Note 2.)
Gate ThresholdVoltage
(VDS = VGS, ID = 250µAdc)
VGS(th)
1.0
1.6
2
Vdc
On–State Drain Current
(VDS ≥ 2.0 VDS(on), VGS = 10 Vdc)
ID(on)
500
–
–
mA
Static Drain–Source On–State Voltage
(VGS = 10 Vdc, ID = 500 mAdc)
(VGS = 5.0 Vdc, ID = 50 mAdc)
VDS(on)
–
–
–
–
3.75
0.375
Vdc
Static Drain–Source On–State Resistance
(VGS = 10 V, ID= 500 mAdc)
TC= 25°C
TC = 125°C
(VGS = 5.0 Vdc,ID = 50 mAdc) TC = 25°C
TC = 125°C
rDS(on)
–
–
–
–
1.4
–
1.8
–
7.5
13.5
7.5
13.5
Ohms
Forward Transconductance
(VDS ≥ 2.0 VDS(on), ID = 200 mAdc)
gFS
80
–
–
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
C iss
–
17
50
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
C oss
–
10
25
pF
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
C rss
–
2.5
5.0
pF
SWITCHING CHARACTERISTICS (Note 2.)
Turn–On Delay Time
(V DD = 25 Vdc, ID
500 mAdc,
td(on)
–
7
20
ns
Turn–Off Delay Time
(V
RG = 25 Ω, RL= 50 Ω, Vgen = 10 V)
td(off)
–
11
40
ns
BODY–DRAIN DIODE RATINGS
Diode Forward On–Voltage
(IS = 115 mAdc, VGS = 0 V)
VSD
–
–
–1.5
Vdc
Source Current Continuous
(Body Diode)
IS
–
–
–115
mAdc
Source Current Pulsed
ISM
–
–
–800
mAdc
2. Pulse Test: Pulse Width ≤300 µs, Duty Cycle ≤2.0%.
1
Adc
µ
-1
Adc
µ
●
●
●
●
●
●



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com