Electronic Components Datasheet Search
  English  ▼

X  

MD200C18D2 Datasheet(PDF) 2 Page - Diotech Company.

Part # MD200C18D2
Description  THYRISTOR DIODE MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MD200C18D2 Datasheet(HTML) 2 Page - Diotech Company.

  MD200C18D2 Datasheet HTML 1Page - Diotech Company. MD200C18D2 Datasheet HTML 2Page - Diotech Company. MD200C18D2 Datasheet HTML 3Page - Diotech Company. MD200C18D2 Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MD200C08D2 THRU MD200C18D2
THYRISTOR DIODE MODULE
Reverse Voltage - 800 to 1800 Volts
Forward Current - 200 Ampere
Performance Curves
0 ID
140
A 280
350
W
175
Pvtot
0
0 Tc
50
100
℃
150
DC
sin.180
rec.120
rec.60
rec.30
DC
sin.180
rec.120
rec.60
rec.30
250
A
200
150
100
50
ID
0
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
8
1
.
0
e
d
o
i
d
r
e
P
℃
/W
Rth(c-s)
5
0
.
0
e
l
u
d
o
M
℃
/W
Electrical Characteristics
Symbol
Conditions
Values
Units
Min. Typ. Max.
VFM
T=25℃ IF =300A
-
1.18
1.30
V
IRD
Tvj=150℃ VRD=VRRM
-
-
9
mA
rf
TJ=25℃
1.13
mΩ
VfO
0.84
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com