Electronic Components Datasheet Search
  English  ▼

X  

WT8048 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WT8048
Description  DPMS (Display Power Management Signaling) Detector for Green Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8048 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WT8048 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8048 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8048 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8048 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8048 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8048 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8048 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8048 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8048 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WT8048
2
eltrend
ORDERING INFORMATION
Part No.
Package
Description
WT8048
P-DIP 8L
OSC with 32768Hz Crystal
WT8048N1
P-DIP 8L
1. OSC with external resistor
2. With mute function
WT8048N2
P-DIP 8L
1. OSC with external resistor
2. Without mute function
*WT8048N3
P-DIP 8L
1. OSC with 3.58MHz resonator
2. With mute function
*WT8048N4
P-DIP 8L
1. OSC with 3.58MHz resonator
2. Without mute function
Note: "*" means "not available".
PIN CONFIGURATION
2
3
4
5
6
7
8
1
HIN
VIN
OSC
VSS
VDD
OFF
STD_BY +
SUSPEND
MUTE
WT8048N1 / N3
2
3
4
5
6
7
8
1
HIN
VIN
OSC
VSS
VDD
OFF
SUSPEND
STD_BY
WT8048 / N2 / N4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com