Electronic Components Datasheet Search
  English  ▼

X  

X25138 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X25138
Description  5MHz SPI Serial E2PROM with Block Lock PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25138 Datasheet(HTML) 2 Page - Xicor Inc.

  X25138 Datasheet HTML 1Page - Xicor Inc. X25138 Datasheet HTML 2Page - Xicor Inc. X25138 Datasheet HTML 3Page - Xicor Inc. X25138 Datasheet HTML 4Page - Xicor Inc. X25138 Datasheet HTML 5Page - Xicor Inc. X25138 Datasheet HTML 6Page - Xicor Inc. X25138 Datasheet HTML 7Page - Xicor Inc. X25138 Datasheet HTML 8Page - Xicor Inc. X25138 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
X25138
2
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked
out by the falling edge of the serial clock.
Serial Input (SI)
SI is the serial data input pin. All opcodes, byte
addresses, and data to be written to the memory are
input on this pin. Data is latched by the rising edge of
the serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin are latched on the rising edge of the
clock input, while data on the SO pin change after the
falling edge of the clock input.
Chip Select (CS)
When CS is HIGH, the X25138 is deselected and the
SO output pin is at high impedance and unless an
internal write operation is underway, the X25138 will be
in the standby power mode. CS LOW enables the
X25138, placing it in the active power mode. It should
be noted that after power-up, a HIGH to LOW transition
on CS is required prior to the start of any operation.
Write Protect (WP)
When WP is LOW and the nonvolatile bit WPEN is “1”,
nonvolatile writes to the X25138 status register are
disabled, but the part otherwise functions normally.
When WP is held HIGH, all functions, including
nonvolatile writes operate normally. WP going LOW
while CS is still LOW will interrupt a write to the
X25138 status register. If the internal write cycle has
already been initiated, WP going LOW will have no
affect on a write.
The WP pin function is blocked when the WPEN bit in
the status register is “0”. This allows the user to install
the X25138 in a system with WP pin grounded and still
be able to write to the status register. The WP pin func-
tions will be enabled when the WPEN bit is set “1”.
Hold (HOLD)
HOLD is used in conjunction with the CS pin to pause
the device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause
14 Lead SOIC
NC
1
2
3
4
7
6
5
X25138
VSS
NC
NC
NC
NC
.228”
.336”
8
9
10
11
12
14
13
NC
8 Lead PDIP/SOIC
VCC
HOLD
SCK
CS
1
2
3
4
6
7
8
X25138
VSS
SI
5
SO
WP
CS
SO
WP
VCC
HOLD
SCK
SI
8-Lead XBGA: Top View
S0
SI
WP
SCK
VCC
VSS
CS
HOLD
8
7
6
5
1
2
3
4
.238”
SCK
1
2
3
4
8
7
6
5
8-LEAD TSSOP
X25138
.252 in.
SI
Vss
CS
HOLD
WP
.078”
SO
Vcc
3091 FM 03
.114”
PIN NAMES
7037 FRM T01
Symbol
Description
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
WP
Write Protect Input
VSS
Ground
VCC
Supply Voltage
HOLD
Hold Input
NC
No Connect
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com