Electronic Components Datasheet Search
  English  ▼

X  

X84256 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X84256
Description  UPort Saver EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84256 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X84256 Datasheet HTML 3Page - Xicor Inc. X84256 Datasheet HTML 4Page - Xicor Inc. X84256 Datasheet HTML 5Page - Xicor Inc. X84256 Datasheet HTML 6Page - Xicor Inc. X84256 Datasheet HTML 7Page - Xicor Inc. X84256 Datasheet HTML 8Page - Xicor Inc. X84256 Datasheet HTML 9Page - Xicor Inc. X84256 Datasheet HTML 10Page - Xicor Inc. X84256 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
X84256
Preliminary
7
CAPACITANCE
TA = +25°C, f = 1MHz, VCC = 5V
Notes: (2) Periodically sampled, but not 100% tested.
POWER-UP TIMING
Notes: (3) Time delays required from the time the VCC is stable until the specific operation can be initiated.
Periodically sampled, but not 100% tested.
A.C. CONDITIONS OF TEST
EQUIVALENT A.C. LOAD CIRCUITS
Symbol
Parameter
Max.
Units
Test Conditions
CI/O
(2)
Input/Output Capacitance
8
pF
VI/O = 0V
CIN
(2)
Input Capacitance
6
pF
VIN = 0V
Symbol
Parameter
Max.
Units
tPUR
(3)
Power-up to Read Operation
2
ms
tPUW
(3)
Power-up to Write Operation
5
ms
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
5ns
Input and Output Timing Levels
VCC x 0.5
5V
30pF
2.06K
Ω
3.03K
Ω
OUTPUT
7008 FRM F06
3V
30pF
2.39K
Ω
4.58K
Ω
OUTPUT
7008 FRM F07
2V
30pF
2.8K
Ω
5.6K
Ω
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com