Electronic Components Datasheet Search
  English  ▼

X  

X84256S16 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X84256S16
Description  UPort Saver EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84256S16 Datasheet(HTML) 5 Page - Xicor Inc.

  X84256S16 Datasheet HTML 1Page - Xicor Inc. X84256S16 Datasheet HTML 2Page - Xicor Inc. X84256S16 Datasheet HTML 3Page - Xicor Inc. X84256S16 Datasheet HTML 4Page - Xicor Inc. X84256S16 Datasheet HTML 5Page - Xicor Inc. X84256S16 Datasheet HTML 6Page - Xicor Inc. X84256S16 Datasheet HTML 7Page - Xicor Inc. X84256S16 Datasheet HTML 8Page - Xicor Inc. X84256S16 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X84256
Preliminary
5
—Write ‘1’—when reading data
—Read/Read/Write ‘1’—after data is written to device,
but before entering the NV write sequence.
—the device powers-up;
—a nonvolatile write operation completes.
While a sequential read is in progress, the device remains
in an active state. This state draws more current than the
idle state, but not as much as during a read itself. To go
back to the lowest power condition, an invalid condition is
created by writing a ‘1’ after the last bit of a read operation.
Write Protection
The following circuitry has been included to prevent
inadvertent nonvolatile writes:
—A special “start nonvolatile write” command sequence
is required to start a nonvolatile write cycle.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ...................... –65°C to +135°C
Storage Temperature ........................... –65°C to +150°C
Terminal Voltage with
Respect to VSS .......................................–1V to +7V
DC Output Current................................................... 5mA
Lead Temperature (Soldering, 10 seconds)..........300°C
RECOMMENDED OPERATING CONDITIONS
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this speci-
fication is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Military†
–55°C
+125°C
Supply Voltage
Limits
X84256
5V
±10%
X84256 – 2.5
2.5V to 5.5V
X84256 – 1.8
1.8V to 3.6V
D.C. OPERATING CHARACTERISTICS (VCC = 5V ±10%)
(Over the recommended operating conditions, unless otherwise specified.)
Notes: (1) VIL Min. and VIH Max. are for reference only and are not tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Max.
ICC1
VCC Supply Current (Read)
1
mA
OE = VIL, WE = VIH,
I/O = Open, CE clocking @ 10MHz
ICC2
VCC Supply Current (Write)
3mA
ICC During Nonvolatile Write Cycle
All Inputs at CMOS Levels
ISB1
VCC Standby Current
1
µA
CE = VCC, Other Inputs = VCC or VSS
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VlL
(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA
VOH
Output HIGH Voltage
VCC – 0.8
V
IOH = –1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com