Electronic Components Datasheet Search
  English  ▼

X  

AD4003 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4003
Description  18-Bit, 2 MSPS Precision SAR Differential ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4003 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4003 Datasheet HTML 15Page - Analog Devices AD4003 Datasheet HTML 16Page - Analog Devices AD4003 Datasheet HTML 17Page - Analog Devices AD4003 Datasheet HTML 18Page - Analog Devices AD4003 Datasheet HTML 19Page - Analog Devices AD4003 Datasheet HTML 20Page - Analog Devices AD4003 Datasheet HTML 21Page - Analog Devices AD4003 Datasheet HTML 22Page - Analog Devices AD4003 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
AD4003
Data Sheet
Rev. 0 | Page 18 of 33
When the clamp is active, it sets the OV clamp flag bit in the
register that can be read back (see Table 14), which is a sticky bit
that must be read to be cleared. The status of the clamp can also
be checked in the status bits using an overvoltage clamp flag
(see Table 15). The clamp circuit does not dissipate static power
in the off state. Note that the clamp cannot sustain the
overvoltage condition for an indefinite time.
The external RC filter is usually present at the ADC input to band
limit the input signal. During an overvoltage event, excessive
voltage is dropped across REXT and REXT becomes part of a
protection circuit. The REXT value can vary from 200 Ω to 20 kΩ
for 15 V protection. The CEXT value can be as low as 100 pF for
correct operation of the clamp. See Table 1 for input overvoltage
clamp specifications.
CEXT
REXT
VIN
REF
D1
IN+/IN–
GND
CLAMP
0V TO 15V
RIN CIN
D2
CPIN
Figure 35. Equivalent Analog Input Circuit
Differential Input Considerations
The analog input structure allows the sampling of the true
differential signal between IN+ and IN−. By using these differential
inputs, signals common to both inputs are rejected. Figure 36
shows the common-mode rejection capability of the AD4003
over frequency. It is important to note that the differential input
signals must be truly antiphase in nature, 180° out of phase, which
is required to keep the common-mode voltage of the input
signal within the specified range around VREF/2 shown in Table 1.
72
71
70
69
68
67
66
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 36. Common-Mode Rejection Ratio vs. Frequency, VIO = 3.3 V,
VREF = 5 V, 25°C
Switched Capacitor Input
During the acquisition phase, the impedance of the analog
inputs (IN+ or IN−) can be modeled as a parallel combination
of Capacitor CPIN and the network formed by the series connection
of RIN and CIN. CPIN is primarily the pin capacitance. RIN is typically
400 Ω and is a lumped component composed of serial resistors
and the on resistance of the switches. CIN is typically 40 pF and
is mainly the ADC sampling capacitor.
During the conversion phase, where the switches are open, the
input impedance is limited to CPIN. RIN and CIN make a single-
pole, low-pass filter that reduces undesirable aliasing effects and
limits noise.
RC Filter Values
The value of the RC filter and driving amplifier can be selected
depending on the input signal bandwidth of interest at the full
2 MSPS throughput. Lower input signal bandwidth means that
the RC cutoff can be lower, thereby reducing noise into the
converter. For optimum performance at various throughputs,
use the recommended RC values (200 Ω, 180 pF) and the
ADA4807-1.
The RC values in Table 10 are chosen for ease of drive considera-
tions and also greater ADC input protection. The combination
of a large R value (200 Ω) and small C value result in a reduced
dynamic load for the amplifier to drive. The smaller value of C
means less stability/ phase margin concerns with the amplifier.
The large value of R limits the current into the ADC input when
the amplifier output exceeds the ADC input range.
Table 10. RC Filter and Amplifier Selection for Various
Input Bandwidths
Input Signal
Bandwidth
(kHz)
R (Ω)
C (pF)
Recommended
Amplifier
Recommended
Fully Differential
Amplifier
<10
See the High-Z
Mode section
ADA4940-1
<200
200
180
ADA4807-1
ADA4940-1
>200
200
120
ADA4897-1
ADA4932-1
Multiplexed
200
120
ADA4897-1
ADA4932-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com