Electronic Components Datasheet Search
  English  ▼

X  

MSW2011-201 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2011-201
Description  SP2T PIN Diode Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2011-201 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MSW2011-201 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW201x-201
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
9
SP2T Switch Evaluation Board Layout
Evaluation Board Parts List
MSW2010-201 Band 1
Part
Value
Case Style
C1, C2, C5 - C10,
C13 - C15
0.1 µF
0603
5C3, C4, C11, C12,
C17, C18
0.1 µF
0603
L1 - L6
47 µH
1008
R1, R3
39 Ω
2512
R2
1200 Ω
2512
MSW2011-201 Band 2
Part
Value
Case Style
C1, C5, C7, C13, C15
47 pF
0603
C2, C6, C8, C9, C10,
C14, C16
220 pF
0603
C3, C4, C11, C12,
C17, C18
1000 pF
0603
L1 - L7
43 nH
0603
R1, R3
39 Ω
2512
R2, R4
1200 Ω
2512
7. Second bypass capacitor is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com