Electronic Components Datasheet Search
  English  ▼

X  

X25138PI-V Datasheet(PDF) 16 Page - Xicor Inc.

Part # X25138PI-V
Description  5MHz SPI Serial E2PROM with Block Lock PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25138PI-V Datasheet(HTML) 16 Page - Xicor Inc.

Back Button X25138PI-V Datasheet HTML 10Page - Xicor Inc. X25138PI-V Datasheet HTML 11Page - Xicor Inc. X25138PI-V Datasheet HTML 12Page - Xicor Inc. X25138PI-V Datasheet HTML 13Page - Xicor Inc. X25138PI-V Datasheet HTML 14Page - Xicor Inc. X25138PI-V Datasheet HTML 15Page - Xicor Inc. X25138PI-V Datasheet HTML 16Page - Xicor Inc. X25138PI-V Datasheet HTML 17Page - Xicor Inc. X25138PI-V Datasheet HTML 18Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
X25138
16
PACKAGING INFORMATION
8-Lead XBGA
ALL DIMENSIONS IN
mM
ALL DIMENSIONS ARE TYPICAL VALUES
X25138: Bottom View
8-Lead XBGA: Top View
S0
SI
WP
SCK
VCC
VSS
CS
HOLD
8
7
6
5
1
2
3
4
.238”
.078”
8-Lead XBGA
Complete Part Number
Top Mark
X25138Z-2.5
XAAD
X25138ZI-2.5
XACR
1200±30
1982±30
1833±30
350±20
S0
CS
VSS
WP
HOLD
VCC
SI
SCK
215±30
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com