Electronic Components Datasheet Search
  English  ▼

X  

PCM-9112 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCM-9112
Description  PC-104 Plus Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCM-9112 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCM-9112 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-56
www.adlinktech.com
1
Software &
Utilities
Fanless
Embedded
Computers
12
DAQ
2
PXI
3
Modular
Instruments
4
GPIB & Bus
Expansion
5
Motion
Control
6
Real-time
Distributed
I/O
7
PAC
8
Remote I/O
9
Communi-
cations
10
Vision
11
cPCI &
Industrial
Computers
13
•PC/104-Plus specifications Rev. 1.2 compliant
•12-bit A/D resolution
•Up to 110 kS/s sampling rate
•16-CH single-ended or 8-CH differential inputs
•Onboard A/D FIFO
•Bipolar or unipolar analog input ranges
•Programmable gains of x0.5, x1, x2, x4, x8
•Automatic analog inputs scanning
PC/104-Plus 16-CH 12-Bit 110 kS/s Multi-Function
DAQ Module
PCM-9112+
•PC/104-Plus specifications Rev. 1.2 compliant
•12-bit D/A resolution
•Bipolar or unipolar output ranges
•Isolated 8-CH 12-bit voltage outputs
•External reference input for user-defined ranges
•4-CH isolated digital outputs and 4-CH isolated
digital inputs
•2500 VRMS optical isolation voltage
PC/104-Plus 8-CH 12-Bit Isolated Analog Output Module
PCM-6308V+
•PC/104-Plus specifications Rev. 1.2 compliant
•4-CH SPDT and 4-CH SPST relays
•Non-latching relays
•Onboard LED indicators for relay status
•Onboard relay driving circuits
•Relay output status read back
•8-CH isolated digital inputs
•Onboard low-pass filtering for digital inputs
PC/104-Plus 8-CH Relay Outputs & 8-CH Isolated DI
Module
PCM-7250+
•PC/104-Plus specifications Rev. 1.2 compliant
•16-CH isolated digital inputs and 16-CH
isolated digital outputs
•Non-polarity digital input range
•Isolated input voltage up to 24 V
•2500 VRMS optical isolation
•Sink current up to 500 mA on each isolated output
•Two external interrupt sources
PC/104-Plus 16-CH Isolated DI & 16-CH Isolated DO
Module
PCM-7230+
•PC/104-Plus specifications Rev. 1.2 compliant
•48-CH TTL/DTL digital inputs/outputs
•Emulates 2 industry standard 8255 PPI (mode 0)
•Buffered circuits for higher driving capacity
•Direct interface with OPTO-22 compatible
I/O modules
•Known power-up states
•Output port status read back
•1-CH 32-bit timer for timed interrupt generation
PC/104-Plus 48-CH Opto-22 Compatible DIO Module
PCM-7248+
PC-104 Plus Modules


Similar Part No. - PCM-9112

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-9150-A10 AAEON-PCM-9150-A10 Datasheet
711Kb / 1P
Intel Pentium M or Celeron M Processors
More results

Similar Description - PCM-9112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM-3115 ETC-PCM-3115 Datasheet
285Kb / 1P
PC/104-Plus PCMCIA Module
logo
Advantech Co., Ltd.
PCM-3620 ADVANTECH-PCM-3620 Datasheet
356Kb / 1P
USB 2.0/IEEE 1394a PC/104-Plus Module 4 SATA PC/104-Plus Module
logo
List of Unclassifed Man...
VL-EPM-16V ETC2-VL-EPM-16V Datasheet
656Kb / 2P
PC/104-Plus Single Board Computer
logo
Samtec, Inc
ESQT-117-03-L-D-310 SAMTEC-ESQT-117-03-L-D-310 Datasheet
1Mb / 1P
PC/104-PLUS??SELF-NESTING SOCKETS
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
logo
Advantech Co., Ltd.
PC104 ADVANTECH-PC104 Datasheet
558Kb / 2P
PC/104 Datacom Modules
logo
ADL Embedded Solutions
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
PC/104-Plus
logo
Moxa Inc.
CB-108 MOXA-CB-108 Datasheet
300Kb / 3P
8-port RS-232 PC/104-Plus modules
CB-114 MOXA-CB-114 Datasheet
316Kb / 3P
4-port RS-232/422/485 PC/104-Plus modules
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117_V01 Datasheet
558Kb / 2P
PC/104 Datacom Modules
15-Jan-2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com