Electronic Components Datasheet Search
  English  ▼

X  

DAQ-2010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DAQ-2010
Description  Supports a 32-bit 3.3 V or 5 V PCI bus (DAQ-2000 series)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DAQ-2010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DAQ-2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers DAQ-2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers DAQ-2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Building For ward Together
PXI/DAQ/DAQe-2000 Series
4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling Multi-Function DAQ Cards
Operating Systems
●
Windows 7/Vista/XP/2000/2003 Server
●
Linux
Recommended Software
●
AD-Logger
●
VB.NET/VC.NET/VB/VC++/BCB/Delphi
●
DAQBench
Driver Support
●
DAQPilot for LabVIEW™
●
DAQ-MTLB for MATLAB®
●
D2K-DASK for Windows
●
D2K-DASK/X for Linux
Terminal Boards & Cables
●
DIN-68S-01
Terminal Board with One 68-pin SCSI-II
Connector and DIN-Rail Mounting (Cables are not included.)
●
ACL-10568-1
68-pin SCSI-VHDCI cable (mating with AMP-787082-7), 1 M
SSI Bus Cables (for multiple cards synchronization)
●
ACL-SSI-2/3/4
SSI Bus cable for two, three, and four devices
P
Features
●
Supports a 32-bit 3.3 V or 5 V PCI bus (DAQ-2000 series)
●
x1 lane PCI Express® Interface (DAQe-2000 series)
●
PXI specification Rev. 2.2 compliant (PXI-2000 series)
●
4-CH differential analog inputs
●
Bipolar or unipolar analog input ranges
●
Programmable gains of x1, x2, x4, x8
●
Scatter-gather DMA for both analog inputs and outputs
●
2-CH 12-bit multiplying analog outputs with waveform generation
●
24-CH TTL digital input/output
●
2-CH 16-bit general-purpose timer/counter
●
Analog and digital triggering
●
Fully auto calibration
●
Multiple cards synchronization through SSI (System
●
Synchronization Interface) bus or PXI trigger bus
Introduction
ADLINK's PXI/DAQ/DAQe-2000 series of products are simultaneous-
sampling multi-functionDAQ cards to meet a wide range of
application requirements. The devices can simultaneously sample
4 AI channels with differential input configurations in order to
achieve maximum noise elimination. They also provide 2-CH 12-
bit analog outputs with waveform generation capability, which
can be performed together with analog input functions. If more
analog input or output channels are required, multiple cards can be
synchronized through the SSI (System Synchronization Interface)
bus. This makes the PXI/DAQ/DAQe-2000 series ideal for stimulus/
response testing.
The PXI/DAQ/DAQe-2000 series also features analog and digital
triggering, 24-CH programmable digital I/O lines, and 2-CH
16-bit general-purpose timer/counter. The auto-calibration
functions adjust the gain and offset to within specified accuracies
such that you do not have to adjust trimpots to calibrate the cards.
Ordering Information
●
PXI/DAQ/DAQe-2010
4-CH DI 14 bits 2 MS/s MS/s Simultaneous-Sampling
Multi-Function DAQ Cards
●
PXI/DAQ/DAQe-2005
4-CH DI 16 bits 500 kS/s MS/s Simultaneous-Sampling
Multi-Function DAQ Cards
●
PXI/DAQ/DAQe-2006
4-CH DI 16 bits 250 kS/s MS/s Simultaneous-Sampling
Multi-Function DAQ Cards
PXI-2010
DAQe-2010
DAQ-2010


Similar Part No. - DAQ-2010

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
DAQ-2010 ADLINK-DAQ-2010 Datasheet
199Kb / 1P
4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling DAQ Cards
More results

Similar Description - DAQ-2010

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
825Kb / 77P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-66 INTEL-A80960JD-66 Datasheet
744Kb / 59P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
Texas Instruments
SN74CB3Q32245 TI-SN74CB3Q32245 Datasheet
279Kb / 10P
32 bit BUS SWITCH 2.5-V/3.3-V HIGH BANDWIDTH
logo
NXP Semiconductors
74LVTH32245 NXP-74LVTH32245 Datasheet
92Kb / 13P
3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Texas Instruments
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
logo
NXP Semiconductors
74LVTH32245 PHILIPS-74LVTH32245_15 Datasheet
100Kb / 13P
3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
CMOS-compatible input (3.3 or 5 V)
logo
IXYS Corporation
CPC5620 IXYS-CPC5620 Datasheet
519Kb / 18P
3.3 or 5 V power supply operation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com