Electronic Components Datasheet Search
  English  ▼

X  

DAQ-2005 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DAQ-2005
Description  Supports a 32-bit 3.3 V or 5 V PCI bus (DAQ-2000 series)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DAQ-2005 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DAQ-2005 Datasheet HTML 1Page - List of Unclassifed Manufacturers DAQ-2005 Datasheet HTML 2Page - List of Unclassifed Manufacturers DAQ-2005 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Building For ward Together
Pin Assignment
Connector Pin Assignment
CH0+ 1 35 CH0-
CH1+ 2 36 CH1-
CH2+ 3 37 CH2-
CH3+ 4 38 CH3-
EXTATRIG 5 39 AIGND
DA1OUT 6 40 AOGND
DA0OUT 7 41 AOGND
AOEXTREF 8 42 AOGND
SDI3_1 / NC* 9 43 SDI3_0 / NC*
SDI2_1 / NC* 10 44 SDI2_0 / NC*
SDI1_1 / NC* 11 45 SDI1_0 / NC*
SDI0_1 / NC* 12 46 SDI0_0 / NC*
AO_TRIG_OUT 13 47 EXTWFTRG
AI_TRIG_OUT 14 48 EXTDTRIG
GPTC1_SRC 15 49 DGND
GPTC0_SRC 16 50 DGND
GPTC0_GATE 17 51 GPTC1_GATE
GPTC0_OUT 18 52 GPTC1_OUT
GPTC0_UPDOWN 19 53 GPTC1_UPDOWN
EXTTIMEBASE 20 54 DGND
AFI1 21 55 AFI0
PB7 22 56 PB6
PB5 23 57 PB4
PB3 24 58 PB2
PB1 25 59 PB0
PC7 26 60 PC6
PC5 27 61 PC4
DGND 28 62 DGND
PC3 29 63 PC2
PC1 30 64 PC0
PA7 31 65 PA6
PA5 32 66 PA4
PA3 33 67 PA2
PA1 34 68 PA0
*Pin 9-12 and pin 43-46 are SDI<0..3>_n
for 2010; NC for 2005, and 2006



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com