Electronic Components Datasheet Search
  English  ▼

X  

K10101ATLD Datasheet(PDF) 7 Page - COSMO Electronics Corporation

Part # K10101ATLD
Description  4PIN PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10101ATLD Datasheet(HTML) 7 Page - COSMO Electronics Corporation

Back Button K10101ATLD Datasheet HTML 3Page - COSMO  Electronics Corporation K10101ATLD Datasheet HTML 4Page - COSMO  Electronics Corporation K10101ATLD Datasheet HTML 5Page - COSMO  Electronics Corporation K10101ATLD Datasheet HTML 6Page - COSMO  Electronics Corporation K10101ATLD Datasheet HTML 7Page - COSMO  Electronics Corporation K10101ATLD Datasheet HTML 8Page - COSMO  Electronics Corporation K10101ATLD Datasheet HTML 9Page - COSMO  Electronics Corporation K10101ATLD Datasheet HTML 10Page - COSMO  Electronics Corporation K10101ATLD Datasheet HTML 11Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00001.3
- 7 -
http://www.cosmo-ic.com
cosmo
K1010 Series
4PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Recommended Soldering Conditions
(a) Infrared reflow soldering:
 Peak reflow soldering:
 Time of peak reflow temperature:
 Time of temperature higher than 230℃:
 Time to preheat temperature from 180~190℃:
 Time(s) of reflow:
 Flux:
260℃ or below (package surface temperature)
10 sec
30-60 sec
60-120 sec
Two
Rosin flux containing small amount of chlorine (The
flux with a maximum chlorine content of 0.2 Wt% is
recommended.)
Recommended Temperature Profile of Infrared Reflow
180℃
190℃
230℃
260℃
60-120 sec
30-60 sec
t (s)
10 sec Max.
(b) Wave soldering:
 Temperature:
 Time:
 Preheating conditions:
 Time(s) of reflow:
 Flux:
260℃ or below (molten solder temperature)
10 seconds or less
120℃ or below (package surface temperature)
One
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(c) Cautions:
 Fluxes:
Avoid removing the residual flux with freon-based and chlorine-based
cleaning solvent.
 Avoid shorting between portion of frame and leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com