Electronic Components Datasheet Search
  English  ▼

X  

30WQ03F Datasheet(PDF) 2 Page - International Rectifier

Part # 30WQ03F
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30WQ03F Datasheet(HTML) 2 Page - International Rectifier

  30WQ03F Datasheet HTML 1Page - International Rectifier 30WQ03F Datasheet HTML 2Page - International Rectifier 30WQ03F Datasheet HTML 3Page - International Rectifier 30WQ03F Datasheet HTML 4Page - International Rectifier 30WQ03F Datasheet HTML 5Page - International Rectifier 30WQ03F Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
30WQ03FN
PD-20559 rev. B 10/98
2
www.irf.com
Part number
30WQ03FN
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working PeakReverse Voltage (V)
30
Voltage Ratings
I
F(AV)
Max.AverageForwardCurrent
3.5
A
50%dutycycle@T
C
=134°C,rectangularwaveform
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
535
5µs Sine or 3µs Rect. pulse
SurgeCurrent *SeeFig.7
90
10ms Sine or 6ms Rect. pulse
Parameters
30WQ03FN Units
Conditions
Absolute Maximum Ratings
A
Following any rated
load condition and
with rated V
RRM
applied
V
FM
Max. Forward Voltage Drop
0.45
V
@ 3A
* See Fig. 1
(1)
0.52
V
@ 6A
0.35
V
@ 3A
0.46
V
@ 6A
I
RM
Max. Reverse Leakage Current
2
mA
T
J
= 25 °C
* See Fig. 2
(1)
50
mA
T
J
= 125 °C
V
F(TO)
Threshold Voltage
0.22
V
T
J = TJ max.
r
t
Forward Slope Resistance
32.86
m
Ω
C
T
Typical Junction Capacitance
290
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25 °C
L
S
Typical Series Inductance
5.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10,000
V/µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 125 °C
V
R
= rated V
R
Electrical Specifications
Parameters
30WQ03FN Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
T
J
Max.JunctionTemperatureRange
-40to150
°C
T
stg
Max.StorageTemperatureRange
-40to150
°C
R
thJC
Max.ThermalResistanceJunction
4.7
°C/W DCoperation
* See Fig. 4
toCase
wt
ApproximateWeight
0.3(0.01)
g(oz.)
Case Style
D - PAK
SimilartoTO-252AA
Thermal-Mechanical Specifications
Parameters
30WQ03FN Units
Conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com