Electronic Components Datasheet Search
  English  ▼

X  

KAQW412STR Datasheet(PDF) 10 Page - COSMO Electronics Corporation

Part # KAQW412STR
Description  8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW412STR Datasheet(HTML) 10 Page - COSMO Electronics Corporation

Back Button KAQW412STR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW412STR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW412STR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW412STR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW412STR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW412STR Datasheet HTML 9Page - COSMO  Electronics Corporation KAQW412STR Datasheet HTML 10Page - COSMO  Electronics Corporation KAQW412STR Datasheet HTML 11Page - COSMO  Electronics Corporation KAQW412STR Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M21001.3
- 10 -
http://www.cosmo-ic.com
cosmo
KAQW412 Series
8PIN 60V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 8-pin SMD Carrier Tape & Reel
10.35
2.00
4.00
12.00
0.35
4.90
Direction of feed from reel
TL
Direction of feed from reel
TR
:
Unit
mm
1.5
16.4
2.0
TOLERANCE
:±0.2mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com