Electronic Components Datasheet Search
  English  ▼

X  

37C957FR Datasheet(PDF) 98 Page - SMSC Corporation

Part # 37C957FR
Description  ULTRA I/O CONTROLLER FOR PORTABLE APPLICATIONS
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37C957FR Datasheet(HTML) 98 Page - SMSC Corporation

Back Button 37C957FR Datasheet HTML 94Page - SMSC Corporation 37C957FR Datasheet HTML 95Page - SMSC Corporation 37C957FR Datasheet HTML 96Page - SMSC Corporation 37C957FR Datasheet HTML 97Page - SMSC Corporation 37C957FR Datasheet HTML 98Page - SMSC Corporation 37C957FR Datasheet HTML 99Page - SMSC Corporation 37C957FR Datasheet HTML 100Page - SMSC Corporation 37C957FR Datasheet HTML 101Page - SMSC Corporation 37C957FR Datasheet HTML 102Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 328 page
background image
92
MODEM CONTROL REGISTER (MCR)
Address Offset = 4H, DLAB = X, READ/WRITE
This 8 bit register controls the interface with the MODEM or data set (or device emulating a
MODEM). The contents of the MODEM control register are described below.
Bit 0
This bit controls the Data Terminal Ready (nDTR) output. When bit 0 is set to a logic "1", the nDTR
output is forced to a logic "0". When bit 0 is a logic "0", the nDTR output is forced to a logic "1".
Bit 1
This bit controls the Request To Send (nRTS) output. Bit 1 affects the nRTS output in a manner
identical to that described above for bit 0.
Bit 2
This bit controls the Output 1 (OUT1) bit. This bit does not have an output pin and can only be read
or written by the CPU.
Bit 3
Output 2 (OUT2). This bit is used to enable an UART interrupt. When OUT2 is a logic "0", the serial
port interrupt output is forced to a high impedance state - disabled. When OUT2 is a logic "1", the
serial port interrupt outputs are enabled.
Bit 4
This bit provides the loopback feature for diagnostic testing of the Serial Port. When bit 4 is set to
logic "1", the following occur:
1. The TXD is set to the Marking State(logic "1").
2. The receiver Serial Input (RXD) is disconnected.
3. The output of the Transmitter Shift Register is "looped back" into the Receiver Shift Register
input.
4. All MODEM Control inputs (nCTS, nDSR, nRI and nDCD) are disconnected.
5. The four MODEM Control outputs (nDTR, nRTS, OUT1 and OUT2) are internally connected to the
four MODEM Control inputs (nDSR, nCTS, RI, DCD).
6. The Modem Control output pins are forced inactive high.
7. Data that is transmitted is immediately received.
This feature allows the processor to verify the transmit and receive data paths of the Serial Port. In
the diagnostic mode, the receiver and the transmitter interrupts are fully operational. The MODEM
Control Interrupts are also operational but the interrupts' sources are now the lower four bits of the
MODEM Control Register instead of the MODEM Control inputs. The interrupts are still controlled by
the Interrupt Enable Register.
Bits 5 through 7
These bits are permanently set to logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com