Electronic Components Datasheet Search
  English  ▼

X  

LM4040CEM3-2.5 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4040CEM3-2.5
Description  Precision Micropower Shunt Voltage Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4040CEM3-2.5 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM4040CEM3-2.5 Datasheet HTML 21Page - National Semiconductor (TI) LM4040CEM3-2.5 Datasheet HTML 22Page - National Semiconductor (TI) LM4040CEM3-2.5 Datasheet HTML 23Page - National Semiconductor (TI) LM4040CEM3-2.5 Datasheet HTML 24Page - National Semiconductor (TI) LM4040CEM3-2.5 Datasheet HTML 25Page - National Semiconductor (TI) LM4040CEM3-2.5 Datasheet HTML 26Page - National Semiconductor (TI) LM4040CEM3-2.5 Datasheet HTML 27Page - National Semiconductor (TI) LM4040CEM3-2.5 Datasheet HTML 28Page - National Semiconductor (TI) LM4040CEM3-2.5 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Applications Information
The LM4040 is a precision micro-power curvature-corrected
bandgap shunt voltage reference. For space critical applica-
tions, the LM4040 is available in the sub-miniature SOT-23
and SC70 surface-mount package. The LM4040 has been
designed for stable operation without the need of an external
capacitor connected between the “+” pin and the “−” pin. If,
however, a bypass capacitor is used, the LM4040 remains
stable. Reducing design effort is the availability of several
fixed reverse breakdown voltages: 2.048V, 2.500V, 3.000V,
4.096V, 5.000V, 6.000, 8.192V, and 10.000V. The minimum
operating current increases from 60 µA for the LM4040-
2.048 and LM4040-2.5 to 100 µA for the LM4040-10.0. All
versions have a maximum operating current of 15 mA.
LM4040s in the SOT-23 packages have a parasitic Schottky
diode between pin 2 (−) and pin 3 (Die attach interface
contact). Therefore, pin 3 of the SOT-23 package must be
left floating or connected to pin 2.
LM4040s in the SC70 have a parasitic Schottky diode be-
tween pin 1 (−) and pin 2 (Die attach interface contact).
Therefore, pin 2 must be left floating or connected to pin1.
The 4.096V version allows single +5V 12-bit ADCs or DACs
to operate with an LSB equal to 1 mV. For 12-bit ADCs or
DACs that operate on supplies of 10V or greater, the 8.192V
version gives 2 mV per LSB.
The typical thermal hysteresis specification is defined as the
change in +25˚C voltage measured after thermal cycling.
The device is thermal cycled to temperature -40˚C and then
measured at 25˚C. Next the device is thermal cycled to
temperature +125˚C and again measured at 25˚C. The re-
sulting V
OUT delta shift between the 25˚C measurements is
thermal hysteresis. Thermal hysteresis is common in preci-
sion references and is induced by thermal-mechanical pack-
age stress. Changes in environmental storage temperature,
operating temperature and board mounting temperature are
all factors that can contribute to thermal hysteresis.
In a conventional shunt regulator application (Figure 1),an
external series resistor (R
S) is connected between the sup-
ply voltage and the LM4040. R
S determines the current that
flows through the load (I
L) and the LM4040 (IQ). Since load
current and supply voltage may vary, R
S should be small
enough to supply at least the minimum acceptable I
Q to the
LM4040 even when the supply voltage is at its minimum and
the load current is at its maximum value. When the supply
voltage is at its maximum and I
L is at its minimum, RS should
be large enough so that the current flowing through the
LM4040 is less than 15 mA.
R
S is determined by the supply voltage, (VS), the load and
operating current, (I
L and IQ), and the LM4040’s reverse
breakdown voltage, V
R.
Typical Applications
01132315
FIGURE 1. Shunt Regulator
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com