Electronic Components Datasheet Search
  English  ▼

X  

KAQY412ATR Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KAQY412ATR
Description  4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY412ATR Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KAQY412ATR Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M01001.5
- 4 -
http://www.cosmo-ic.com
cosmo
KAQY412 Series
4PIN 60V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
2
1
3
4
1b
AC
DC
-
(AC,DC)
2
IN
V
F
I
1
I L
V L
3
Load
4
L
V
I
(AC,DC)
3
L
Load
4
2
IN
V
F
I
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com