Electronic Components Datasheet Search
  English  ▼

X  

PA1049 Datasheet(PDF) 2 Page - MTRONPTI

Part # PA1049
Description  Solid State High Power Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PA1049 Datasheet(HTML) 2 Page - MTRONPTI

  PA1049 Datasheet HTML 1Page - MTRONPTI PA1049 Datasheet HTML 2Page - MTRONPTI PA1049 Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PA1049
Data Sheet
Rev. 20141118 | Page 2 of 3
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Comment
PASSBAND
Operating Frequency Range
FCARRIER
2
6
GHz
Power Output
POUT_MIN
50
Watts
CW
Power Output @ P1dB
35
Watts
CW
Power Gain
47
dB
Power Gain Flatness
3.0
dBP-P
Peak to peak across the band
Input / Output Return Loss
RLIN
10
dB
Relative to 50
2-Tone_Intermodulation (IMD)
-30
dBc
37 dBm / Tone,
= 1 MHz
Harmonics
-20
dBc
At rated POUT
Non Harmonic Spurious
-60
dBc
Power
Operating Voltage
VDD
28
29
30
VDC
28 volt option available
Current Consumption
IDD
12
A
At rated POUT
Max Input Power
PIN_MIN
+8
dBm
Without damage
Load VSWR Protection
∞ : 1
Turn On / Off Speed
5
µSec
Environmental & Physical
Parameter
Symbol
Min.
Typ.
Max.
Units
Comment
Operating Case Temperature
TOC
-20
+75
°C
Storage Temperature
TSTR
-40
+85
°C
Relative Humidity
5
95
%
Non-condensing
Dimensions
285 x 106 x 27
mm
Excluding connectors
Weight
0.95
Kg
RF Connectors IN / OUT
SMA Female
Cover Flange
DC Power / Interface Connector
9-pin D-Sub
Cooling
External Heat Sink
Forced air required
D-Sub Connector Pin Assignments
1
FWD
OPTION 101 – Forward power detect
2
VVA
OPTION 103 – Variable Voltage Attenuator
3
Current Sensor
ID @ 20 mV / 100 mA typ.
4
Temperature Sensor
VT @ 10 mV / °C + 500 mV typ.
5
Shutdown
TTL
6, 7
VDD
29 VDC
8, 9
GND
Ground
Ordering Information
Option
Function
Description
101
FWD
Forward power detect
103
VVA
Variable Voltage Attenuator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com